Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2240 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2240
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2240 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2240 Datasheet HTML 1Page - Monolithic Power Systems MP2240 Datasheet HTML 2Page - Monolithic Power Systems MP2240 Datasheet HTML 3Page - Monolithic Power Systems MP2240 Datasheet HTML 4Page - Monolithic Power Systems MP2240 Datasheet HTML 5Page - Monolithic Power Systems MP2240 Datasheet HTML 6Page - Monolithic Power Systems MP2240 Datasheet HTML 7Page - Monolithic Power Systems MP2240 Datasheet HTML 8Page - Monolithic Power Systems MP2240 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP2240
High-Efficiency, 3A, 16V, 800kHz
Synchronous, Step-Down Converter
MP2240 Rev. 1.1
www.MonolithicPower.com
1
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2240 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a 3A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP2240 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection and thermal shut down.
The MP2240 requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
• 6V-to-16V Operating Input Range
• 80mΩ/30mΩ Low RDS(ON) Internal Power
MOSFETs
• High-Efficiency Synchronous Mode
Operation
• Fixed 800kHz Switching Frequency
• External AAM pin for Power-Save Mode
Programming
• External Soft-Start
• OCP Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in an 8-pin TSOT-23 Package
APPLICATIONS
• Notebook Systems and I/O Power
• Digital Set-Top Boxes
• Flat-Panel Television and Monitors
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2240
VIN
6V-16V
IN
VCC
AAM
SS
GND
FB
SW
BST
3.3V/3A
2
7
1
6
4
8
3
5
R3
20
R6
8.2k
R5
10k
C3
22nF
R1
40.2k
R2
13k
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1.000
10.000
VIN=12V
VIN=16V
VIN=6V


Similar Part No. - MP2240

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2240GJ MPS-MP2240GJ Datasheet
251Kb / 5P
High-Efficiency, 3A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
More results

Similar Description - MP2240

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com