Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2240 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2240
Description  High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2240 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2240 Datasheet HTML 6Page - Monolithic Power Systems MP2240 Datasheet HTML 7Page - Monolithic Power Systems MP2240 Datasheet HTML 8Page - Monolithic Power Systems MP2240 Datasheet HTML 9Page - Monolithic Power Systems MP2240 Datasheet HTML 10Page - Monolithic Power Systems MP2240 Datasheet HTML 11Page - Monolithic Power Systems MP2240 Datasheet HTML 12Page - Monolithic Power Systems MP2240 Datasheet HTML 13Page - Monolithic Power Systems MP2240 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP2240 – SYNCHRONOUS STEP-DOWN CONVERTER
MP2240 Rev. 1.1
www.MonolithicPower.com
10
8/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
exceeds 5V, U1 will regulate M1 to maintain a
5V BST voltage across C4. A 20Ω resistor
placed between SW and BST cap. is strongly
recommended to reduce SW spike voltage.
VIN
D1
5V
M1
U1
BST
C4
SW
L1
VOUT
C2
R3
Figure 2: Internal Bootstrap Charging Circuit
Startup and Shutdown
If VIN exceeds its thresholds, the chip starts.
The reference block starts first, generating
stable reference voltage and currents, and then
the internal regulator is enabled. The regulator
provides a stable supply for the remaining
circuitries.
Three events can shut down the chip: VIN low,
and thermal shutdown. During the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage
and the internal supply rail are then pulled down.
The floating driver is not subject to this
shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com