Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2918GL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2918GL
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918GL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2918GL Datasheet HTML 1Page - Monolithic Power Systems MP2918GL Datasheet HTML 2Page - Monolithic Power Systems MP2918GL Datasheet HTML 3Page - Monolithic Power Systems MP2918GL Datasheet HTML 4Page - Monolithic Power Systems MP2918GL Datasheet HTML 5Page - Monolithic Power Systems MP2918GL Datasheet HTML 6Page - Monolithic Power Systems MP2918GL Datasheet HTML 7Page - Monolithic Power Systems MP2918GL Datasheet HTML 8Page - Monolithic Power Systems MP2918GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
2
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP2918GF**
TSSOP20-EP
See Below
MP2918GL**
QFN-20 (3mm x 4mm)
See Below
*For Tape & Reel, add suffix
–Z (e.g. MP2918GF–Z)
** Under qualification
TOP MARKING (TSSOP20-EP)
MPS: MPS prefix
YY: Year code
WW: Week code
MP2918: Part number
LLLLLLLLL: Lot number
TOP MARKING (QFN-20 (3mm x 4mm))
MP: MPS prefix:
Y: year code;
W: week code:
2918: first four digits of the part number;
LLL: lot number;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com