Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2918GL Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2918GL
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918GL Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2918GL Datasheet HTML 16Page - Monolithic Power Systems MP2918GL Datasheet HTML 17Page - Monolithic Power Systems MP2918GL Datasheet HTML 18Page - Monolithic Power Systems MP2918GL Datasheet HTML 19Page - Monolithic Power Systems MP2918GL Datasheet HTML 20Page - Monolithic Power Systems MP2918GL Datasheet HTML 21Page - Monolithic Power Systems MP2918GL Datasheet HTML 22Page - Monolithic Power Systems MP2918GL Datasheet HTML 23Page - Monolithic Power Systems MP2918GL Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
20
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EN/SYNC Control
The
MP2918
has
a
dedicated
enable
(EN/SYNC)
control
that
uses a bandgap-
generated precision threshold of 1.22V. By
pulling EN/SYNC high or low, the IC can be
enabled or disabled. To disable the part,
EN/SYNC must be pulled low for at least 40µs.
Tie EN/SYNC to VIN through a resistor divider
(R16 and R17) to program the VIN start-up
threshold
(see
Figure
4).
The
EN/SYNC
threshold is 1.09V (falling edge), so the VIN
UVLO threshold is 1.09V x (1 + R16/R17).
Otherwise, if VIN ≤ 52V, EN/SYNC can be
connected to VIN directly. If VIN ≥ 52V, a ≥50kΩ
pull-up resistor is needed to prevent EN/SYNC
from breaking down.
EN/
SYNC
VIN
R16
R17
Figure 4: EN/SYNC Resistor Divider
Synchronize
The MP2918 can be synchronized to an
external clock ranging from 100kHz up to
1000kHz through EN/SYNC. The internal clock
rising edge is synchronized to the external clock
rising edge. The pulse width (both on and off) of
the external clock signal should be no less than
100ns.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented
to protect the chip from operating at an
insufficient input supply voltage. The MP2918
UVLO rising threshold is about 4.5V, while its
falling threshold is a consistent 3.7V.
Thermal Protection
Thermal protection prevents damage to the IC
from
excessive
temperatures.
The
die
temperature is monitored internally until the
thermal limit is reached. When the silicon die
temperature is higher than 170°C, the entire
chip shuts down. When the temperature is
lower than its lower threshold (typically 20°C),
the chip is enabled again.
Start-Up and Shutdown
If both VIN and EN/SYNC are higher than their
respective thresholds, the chip starts up. The
reference block starts first, generating stable
reference voltages and currents. The internal
regulator
is
then
enabled.
The
regulator
provides a stable supply for the remaining
circuitries.
Three
events
can
shut
down
the
chip:
EN/SYNC low, VIN low, and thermal shutdown.
During the shutdown procedure, the signal path
is blocked first to avoid any fault triggering.
VCOMP and the internal supply rail are then
pulled down. The floating driver is not subject to
this shutdown command.
Pre-Bias Start-Up
If SS is less than FB at start-up, the output has
a pre-bias voltage, and neither TG nor BG is
turned on until SS is greater than FB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com