Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2918GL Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP2918GL
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918GL Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP2918GL Datasheet HTML 18Page - Monolithic Power Systems MP2918GL Datasheet HTML 19Page - Monolithic Power Systems MP2918GL Datasheet HTML 20Page - Monolithic Power Systems MP2918GL Datasheet HTML 21Page - Monolithic Power Systems MP2918GL Datasheet HTML 22Page - Monolithic Power Systems MP2918GL Datasheet HTML 23Page - Monolithic Power Systems MP2918GL Datasheet HTML 24Page - Monolithic Power Systems MP2918GL Datasheet HTML 25Page - Monolithic Power Systems MP2918GL Datasheet HTML 26Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
22
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
If VOUT is higher than 4.7V but less than 12V,
VCC2 can be connected to VOUT directly (see
Figure 7).
MP2918
INTERNAL
IL
Rsense
VOUT
CO
VIN
CIN
LDO
4.5V
IN
CVcc
VCC1
VCC2
Figure 7: Configuration of VCC2 Connecting to
VOUT
Selecting the Inductor
An inductor with a DC current rating at least
25% higher than the maximum load current is
recommended for most applications. A larger-
value inductor results in less ripple current and
a lower output ripple voltage. However, the
larger-value inductor also has a larger physical
size,
higher
series
resistance,
and
lower
saturation current. Choose the inductor ripple
current
to
be
approximately
30%
of
the
maximum load current. The inductance value
can then be calculated with Equation (7):
OUT
IN
OUT
IN
L
S
V
(V - V
)
L
V
ΔIf

(7)
Where VOUT is the output voltage, VIN is the
input voltage, fS is the 300kHz switching
frequency, and
∆I
L is the peak-to-peak inductor
ripple current.
The maximum inductor peak current can be
calculated with Equation (8):
L
L(MAX)
LOAD
ΔI
I
=I
+
2
(8)
Where ILOAD is the load current.
Selecting the Input Capacitor
Since the input capacitor absorbs the input
switching current, it requires an adequate ripple
current rating. The selection of the input
capacitor is based mainly on its maximum ripple
current capability. The RMS value of the ripple
current flowing through the input capacitor can
be calculated with Equation (9):
OUT
OUT
RMS
LOAD
IN
IN
VV
I
=I
(1-
)
VV
(9)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (10):
IRMS = ILOAD/2
(10)
The
input
capacitor
must
be
capable
of
handling this ripple current.
Output Capacitor Selection
The output capacitor impedance should be low
at the switching frequency. The output voltage
ripple can be estimated with Equation (11):
OUT
OUT
OUT
ESR
S
IN
S
O
VV
1
ΔV
1
R
f
L
V
8 f
C


 


 
 
(11)
Where CO is the output capacitance value, and
RESR is the equivalent series resistance (ESR)
value of the output capacitor.
For
tantalum
or
electrolytic
capacitor
applications,
the
ESR
dominates
the
impedance at the switching frequency. The
output voltage ripple can be approximated with
Equation (12):
OUT
OUT
OUT
ESR
S
IN
VV
ΔV
1
R
f
L
V

 


(12)
Power MOSFET Selection
Two N-channel MOSFETs must be selected for
the controller: one for the high-side switch, and
one for the low-side switch.
The driver level of the HS-FET and LS-FET is
5V, so the threshold voltage (Vth) of the
selected MOSFETs must be no higher than this
value.
The
input voltage
(VDS), continuous drain
current (ID), on resistance (RDS(ON)), total gate
charge (Qg), and thermal-related parameters
should be considered when choosing the power
MOSFETs.
VDS of the chosen MOSFETs should exceed the
maximum applied voltage between the drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com