Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2918GL Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2918GL
Description  4V to 40V Input, Current Mode, Synchronous, Step-Down Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2918GL Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2918GL Datasheet HTML 17Page - Monolithic Power Systems MP2918GL Datasheet HTML 18Page - Monolithic Power Systems MP2918GL Datasheet HTML 19Page - Monolithic Power Systems MP2918GL Datasheet HTML 20Page - Monolithic Power Systems MP2918GL Datasheet HTML 21Page - Monolithic Power Systems MP2918GL Datasheet HTML 22Page - Monolithic Power Systems MP2918GL Datasheet HTML 23Page - Monolithic Power Systems MP2918GL Datasheet HTML 24Page - Monolithic Power Systems MP2918GL Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MP2918
—4V TO 40V SYNCHRONOUS STEP-DOWN CONTROLLER
MP2918 Rev. 1.02
www.MonolithicPower.com
21
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Figure 5).
FB
VOUT
R8
R9
Figure 5: External Resistor Divider
If R8 is known, then R9 can be calculated with
Equation (4):
8
9
OUT
R
R
V
1
0.8V
(4)
Table
1
lists
the
recommended
feedback
resistor values for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT (V)
R8
(kΩ)
R9
(kΩ)
3.3
37.4 (1%)
12 (1%)
5
63.4 (1%)
12 (1%)
12
169 (1%)
12 (1%)
Setting Current Sensing
The MP2918 has three fixed current limit
options: 25mV, when ILIM is connected to
SGND; 50mV, when ILIM is connected to VCC1;
and 75mV, when ILIM is floating. Ensure that
the application can deliver a full load of current
over the full operating temperature range when
setting ILIM.
The current sense resistor (RSENSE) monitors the
inductor current. Its value is chosen based on
the current limit threshold. The relationship
between the peak inductor current (Ipk) and
RSENSE can be calculated with Equation (5):
Ipk
ILIMIT
V
R
SENSE
(5)
A higher RSENSE value increases the power loss
across
it.
Considering
the
output
current,
efficiency,
and
ILIM
threshold,
the
recommended value for RSENSE is between 7mΩ
and 50m
Ω.
Programmable Switching Frequency
Consider different variables when choosing the
switching
frequency.
A
high
frequency
increases switching losses and gate charge
losses, while a low frequency requires more
inductance and capacitance, resulting in larger
real
estate
and
higher
cost.
Setting
the
switching frequency is a trade-off between
power loss and passive component size. In
noise-sensitive
applications,
the
switching
frequency
should
be
out
of
a
sensitive
frequency band.
The MP2918
’s frequency can be programmed
from 100kHz to 1000kHz with a resistor from
FREQ to SGND (see Table 2). The value of
RFREQ for a given operating frequency can be
calculated with Equation (6):
FREQ
s
20000
R
(k )
1
f (kHz)
 
(6)
Table 2: Frequency vs. Resistor
Resistor (
kΩ)
Frequency (kHz)
65
300
45.3
430
39
500
19
1000
VCC Regulator Connection
VCC1 can be powered from both VIN and VCC2.
If connecting VCC2 to an external power supply
to improve the overall efficiency, VCC2 should
be larger than 4.7V but smaller than 12V (see
Figure 6).
MP2918
INTERNAL
VIN
CIN
LDO
4.5V
IN
CVcc
Ext .
Power
Supply
VCC1
VCC2
Figure 6: Internal Circuitry of VCC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com