Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCQ7P Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LUWCQ7P
Description  SMT ceramic package with silicone resin and silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCQ7P Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LUWCQ7P Datasheet HTML 7Page - OSRAM GmbH LUWCQ7P Datasheet HTML 8Page - OSRAM GmbH LUWCQ7P Datasheet HTML 9Page - OSRAM GmbH LUWCQ7P Datasheet HTML 10Page - OSRAM GmbH LUWCQ7P Datasheet HTML 11Page - OSRAM GmbH LUWCQ7P Datasheet HTML 12Page - OSRAM GmbH LUWCQ7P Datasheet HTML 13Page - OSRAM GmbH LUWCQ7P Datasheet HTML 14Page - OSRAM GmbH LUWCQ7P Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Version 1.0
LUW CQ7P
2013-02-15
11
Forward Current 5) page 25
Durchlassstrom 5) Seite25
IF = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 25 , 7) page 25
Relativer Lichtstrom 5) Seite25 , 7) Seite 25
ΦV/ΦV(350 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
Cx, Cy = f(IF); TS = 25 °C
OHL06016
2.8
3.0
3.2
3.4
3.6
200
400
600
800
1000
I (mA)
F
V (V)
F
OHL06048
0.0
0.5
1.0
1.5
2.0
2.5
I (mA)
F
ΦV
Φ
V (350 mA)
OHL06097
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
: ΔCx
: ΔCy
ΔCx
ΔCy
I (mA)
F
ΔCx
ΔCy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com