Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWCQ7P Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LUWCQ7P
Description  SMT ceramic package with silicone resin and silicone lens
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCQ7P Datasheet(HTML) 5 Page - OSRAM GmbH

  LUWCQ7P Datasheet HTML 1Page - OSRAM GmbH LUWCQ7P Datasheet HTML 2Page - OSRAM GmbH LUWCQ7P Datasheet HTML 3Page - OSRAM GmbH LUWCQ7P Datasheet HTML 4Page - OSRAM GmbH LUWCQ7P Datasheet HTML 5Page - OSRAM GmbH LUWCQ7P Datasheet HTML 6Page - OSRAM GmbH LUWCQ7P Datasheet HTML 7Page - OSRAM GmbH LUWCQ7P Datasheet HTML 8Page - OSRAM GmbH LUWCQ7P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Version 1.0
LUW CQ7P
2013-02-15
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 25
Durchlassspannungsgruppe 3) Seite 25
Group
Luminous Flux
1) page 25
Luminous Flux
1) page 25
Luminous Intensity
5) page 25
Gruppe
Lichtstrom 1)Seite 25
Lichtstrom 1) Seite 25
Lichtstärke 5) Seite 25
(min.) ΦV [lm]
(max.) ΦV [lm]
(typ.) IV [cd]
KT
97
104.2
56
KU
104.2
112
60
LP
112
121
65
LQ
121
130
70
LR
130
140
75
LS
140
150
81
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen bestehen. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
Gruppe
(min.) VF [V]
(max.) VF [V]
3
2.75
3.00
4
3.00
3.25
5
3.25
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com