Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW541C Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LW541C
Description  colorless, clear 5 mm package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW541C Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LW541C Datasheet HTML 6Page - OSRAM GmbH LW541C Datasheet HTML 7Page - OSRAM GmbH LW541C Datasheet HTML 8Page - OSRAM GmbH LW541C Datasheet HTML 9Page - OSRAM GmbH LW541C Datasheet HTML 10Page - OSRAM GmbH LW541C Datasheet HTML 11Page - OSRAM GmbH LW541C Datasheet HTML 12Page - OSRAM GmbH LW541C Datasheet HTML 13Page - OSRAM GmbH LW541C Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LW 541C
2008-07-07
11
Maßzeichnung
9) Seite 14
Package Outlines
9) page 14
Kathodenkennung:
kürzerer Lötspieß
Cathode mark:
short solder lead
Gewicht / Approx. weight: 0.35 g
Empfohlenes Lötpaddesign
9) Seite 14
Wellenlöten (TTW)
Recommended Solder Pad
9) page 14
TTW Soldering
0.4 (0.016)
0.6 (0.024)
5.5 (0.217)
5.9 (0.232)
Area not flat
8.2 (0.323)
9.0 (0.354)
7.8 (0.307)
7.5 (0.295)
27.0 (1.063)
29.0 (1.142)
1.2 (0.047)
1.8 (0.071)
Cathode
GEXY6713
4 (0.157)
OHLPY985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com