Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP5240F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP5240F
Description  40V PNP LOW SATURATION TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP5240F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP5240F Datasheet HTML 1Page - Diodes Incorporated ZXTP5240F Datasheet HTML 2Page - Diodes Incorporated ZXTP5240F Datasheet HTML 3Page - Diodes Incorporated ZXTP5240F Datasheet HTML 4Page - Diodes Incorporated ZXTP5240F Datasheet HTML 5Page - Diodes Incorporated ZXTP5240F Datasheet HTML 6Page - Diodes Incorporated ZXTP5240F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXTP5240F
Document number: DS39609 Rev. 2 - 2
1 of 7
www.diodes.com
April 2018
© Diodes Incorporated
ZXTP5240F
40V PNP LOW SATURATION TRANSISTOR IN SOT23
Features
BVCEO > -40V
IC = -2A high Continuous Collector Current
ICM = -3A Peak Pulse Current
Low Saturation Voltage -225mV Max @ IC = -1A.
RCE(SAT) = 90mΩ at 0.5A for a Low Equivalent On-Resistance
730mW Power Dissipation
Complimentary NPN Type: ZXTN4240F
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic
, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (Approximate)
Application
Gate Driving MOSFETs and IGBTs
Load Switch
DC-DC Converters
Battery Charging
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
ZXTP5240F-7
2D5
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2018
2019
2020
2021
2022
2023
2024
2025
2026
2027
2028
Code
F
G
H
I
J
K
L
M
N
O
P
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
2D5 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2018)
M = Month (ex: 9 = September)
ZP2
2D5


Similar Part No. - ZXTP5240F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL Datasheet
168Kb / 8P
150V, SOT23, PNP High voltage transistor
AUGUST 2007
logo
Zetex Semiconductors
ZXTP5401FLTA ZETEX-ZXTP5401FLTA Datasheet
156Kb / 8P
150V, SOT23, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FLTA DIODES-ZXTP5401FLTA Datasheet
168Kb / 8P
150V, SOT23, PNP High voltage transistor
AUGUST 2007
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 2
More results

Similar Description - ZXTP5240F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P40DE6 ZETEX-ZXT10P40DE6 Datasheet
228Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P40DE6 ZETEX-ZXT13P40DE6 Datasheet
413Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P40DE6 DIODES-ZXT10P40DE6 Datasheet
241Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
SEPTEMBER 2000
ZXTPS720MC DIODES-ZXTPS720MC Datasheet
269Kb / 10P
40V PNP LOW SATURATION TRANSISTOR AND
Rev 2
ZXTP720MATA DIODES-ZXTP720MATA Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
ZXTD3M832 DIODES-ZXTD3M832 Datasheet
352Kb / 6P
DUAL 40V PNP LOW SATURATION TRANSISTOR
JUNE 2003
ZXT14P40DX DIODES-ZXT14P40DX Datasheet
264Kb / 6P
40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
MARCH 2000
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTD720MC DIODES-ZXTD720MC_15 Datasheet
194Kb / 7P
DUAL 40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 3
ZXTP720MA DIODES-ZXTP720MA_15 Datasheet
221Kb / 7P
40V PNP LOW SATURATION SWITCHING TRANSISTOR
Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com