Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2014 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2014
Description  40V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2014 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2014 Datasheet HTML 1Page - Monolithic Power Systems MP2014 Datasheet HTML 2Page - Monolithic Power Systems MP2014 Datasheet HTML 3Page - Monolithic Power Systems MP2014 Datasheet HTML 4Page - Monolithic Power Systems MP2014 Datasheet HTML 5Page - Monolithic Power Systems MP2014 Datasheet HTML 6Page - Monolithic Power Systems MP2014 Datasheet HTML 7Page - Monolithic Power Systems MP2014 Datasheet HTML 8Page - Monolithic Power Systems MP2014 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2014 - 40V, 500mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2014 Rev. 1.01
www.MonolithicPower.com
4
1/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =13.5V, TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
0<IOUT<1mA
12
17
1mA<IOUT<30mA
16
22
GND Pin Current
IGND
30mA<IOUT<500mA
105
150
µA
Load Current Limit
ILIMIT
VOUT = 0V
550
900
1450
mA
MP2014GZD, VIN =6V to 40V,
ILOAD = 5mA
4.9
5
5.1
Output Voltage accuracy
MP2014GZD-33, VIN =4.3V to 40V,
ILOAD = 5mA
3.234
3.3
3.366
V
MP2014GZD,
ILOAD
=
300mA,
VDROPOUT=VIN-VO
400
650
MP2014GZD-33, ILOAD = 300mA,
VDROPOUT=VIN-VO
500
700
MP2014GZD,
ILOAD
=
500mA,
VDROPOUT=VIN-VO
750
1000
Dropout Voltage
(6)
VDROPOUT
MP2014GZD-33, ILOAD = 500mA,
VDROPOUT=VIN-VO
1000
1300
mV
Line Regulation
VIN = 8V to 40V, ILOAD = 5mA
-10
1
10
mV
Load Regulation
ILOAD = 5mA to 500mA
1
15
mV
100Hz, COUT = 10μF, ILOAD=10mA
57
dB
1kHz, COUT = 10μF, ILOAD=10mA
45
dB
Output Voltage PSRR
(7)
100kHz, COUT = 10μF, ILOAD=10mA
51
dB
MP2014GZD,
ILOAD=10mA,
COUT=22µF
1
2
Startup Response Time
MP2014GZD-33,
ILOAD=10mA,
COUT=22µF
0.6
1.5
ms
PG Rising Threshold
90%
93%
96%
VOUT
PG Rising Threshold Hysteresis
5%
VOUT
PG Low Voltage
Sink 1mA current
0.1
0.4
V
PG Leakage Current
VPG=5V
1
µA
PGDL Charging Current
IPGDL
VPGDL=1V
3
5.5
9
µA
PGDL Rising Threshold
1.5
1.65
2
V
PGDL Falling Threshold
0.2
0.4
0.7
V
PG Delay Time
tPGDL
CPGDL=47nF,
10% to 90% PGDL Rising Threshold
6
11
14
ms
PG Reaction Time
CPGDL=47nF
0.5
2
µs
Thermal Shutdown
(7)
TSD
165
°C
Thermal Shutdown Hysteresis
(7)
ΔTSD
30
°C
Notes:
6) Dropout voltage: Measured when the output voltage VOUT has dropped 100mV from the nominal value obtained at VIN=13.5V.
7) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com