Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2014 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2014
Description  40V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2014 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2014 Datasheet HTML 5Page - Monolithic Power Systems MP2014 Datasheet HTML 6Page - Monolithic Power Systems MP2014 Datasheet HTML 7Page - Monolithic Power Systems MP2014 Datasheet HTML 8Page - Monolithic Power Systems MP2014 Datasheet HTML 9Page - Monolithic Power Systems MP2014 Datasheet HTML 10Page - Monolithic Power Systems MP2014 Datasheet HTML 11Page - Monolithic Power Systems MP2014 Datasheet HTML 12Page - Monolithic Power Systems MP2014 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2014 - 40V, 500mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2014 Rev. 1.01
www.MonolithicPower.com
10
1/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Component Selection
Input Capacitor
For proper operation, place a ceramic capacitor
(C1) between 1µF and 10µF of dielectric type
X5R or X7R between the input pin and ground.
Larger values in this range will help improve line
transient response.
Output Capacitor
For stable operation, use a ceramic capacitor (C2)
of type X5R or X7R between 1µF and 22µF.
Larger values in this range will help improve load
transient response and reduce noise. Output
capacitors of other dielectric types may be used,
but are not recommended as their capacitance
can deviate greatly from their rated value over
temperature.
PCB Layout Guide
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and
thermal
performance.
It
is
highly
recommended to duplicate EVB layout for
optimum performance.
If change is necessary, please follow these
guidelines and take figure 3 for reference.
1) Input and output bypass ceramic capacitors
are suggested to be put close to the IN Pin
and OUT Pin respectively.
2) Connect IN, OUT and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
Top Layer
Bottom Layer
Figure 3: PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com