Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2014 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2014
Description  40V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2014 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2014 Datasheet HTML 1Page - Monolithic Power Systems MP2014 Datasheet HTML 2Page - Monolithic Power Systems MP2014 Datasheet HTML 3Page - Monolithic Power Systems MP2014 Datasheet HTML 4Page - Monolithic Power Systems MP2014 Datasheet HTML 5Page - Monolithic Power Systems MP2014 Datasheet HTML 6Page - Monolithic Power Systems MP2014 Datasheet HTML 7Page - Monolithic Power Systems MP2014 Datasheet HTML 8Page - Monolithic Power Systems MP2014 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2014
40V, 500mA, Low Quiescent Current
Linear Regulator
MP2014 Rev. 1.01
www.MonolithicPower.com
1
1/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2014 is a low power linear regulator that
supplies power to systems with high voltage
batteries. It includes a wide 3V to 40V input
range, low dropout voltage and low quiescent
supply current. The low quiescent current and
low dropout voltage allow operations at
extremely low power levels. Therefore, the
MP2014
is
ideal
for
the
low
power
microcontrollers
and
the
battery-powered
equipments.
The MP2014 provides wide variety of fixed
output voltage options (if request): 1.8V, 1.9V,
2.3V, 2.5V, 3.0V, 3.3V, 3.45V, 5.0V.
The regulator output current is internally limited
and the device is protected against short-circuit,
over-load and over-temperature conditions.
The MP2014 also includes thermal shutdown
and current limiting fault protection, and is
available in TO252-5 package.
FEATURES
• 3V to 40V Input Range
• 10µA Quiescent Supply Current
• Stable with Low-Value Output Ceramic
Capacitor (>0.47μF)
• 500mA Specified Current
• Fixed Output Voltage
• Output ±2% Accuracy
• Specified Current Limit
• Power Good
• Programmable Power Good Delay
• Thermal
Shutdown
and
Short-Circuit
Protection
• -40°C
to
+150°C
Specified
Junction
Temperature Range
• Available in TO252-5 Package
APPLICATIONS
• Industrial/Automotive Applications
• Portable/Battery-Powered Equipment
• Ultra Low Power Microcontrollers
• Cellular Handsets
• Medical Imaging
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2014

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20142 MPS-MP20142 Datasheet
385Kb / 13P
Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
MP20142DGT-LF-Z MPS-MP20142DGT-LF-Z Datasheet
385Kb / 13P
Dual Channel, 200mA Linear Regulator With Programmable Output Voltage and Output Discharge
More results

Similar Description - MP2014

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
40V, Low Quiescent Current, 50mA Linear Regulator
December 15, 2011
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EV1340QI-E ALTERA-EV1340QI-E Datasheet
805Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
40V, Low Quiescent Current, 50mA Linear Regulator
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com