Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2014 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2014
Description  40V, 500mA, Low Quiescent Current Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2014 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2014 Datasheet HTML 4Page - Monolithic Power Systems MP2014 Datasheet HTML 5Page - Monolithic Power Systems MP2014 Datasheet HTML 6Page - Monolithic Power Systems MP2014 Datasheet HTML 7Page - Monolithic Power Systems MP2014 Datasheet HTML 8Page - Monolithic Power Systems MP2014 Datasheet HTML 9Page - Monolithic Power Systems MP2014 Datasheet HTML 10Page - Monolithic Power Systems MP2014 Datasheet HTML 11Page - Monolithic Power Systems MP2014 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP2014 - 40V, 500mA, LOW QUIESCENT CURRENT LINEAR REGULATOR
MP2014 Rev. 1.01
www.MonolithicPower.com
8
1/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP2014 is a linear regulator that supplies
power to systems with high voltage batteries. It
includes a wide 3V to 40V input range, low
dropout voltage and low quiescent supply
current.
The MP2014 provides wide variety of fixed
output voltage options: 1.8V, 1.9V, 2.3V, 2.5V,
3.0V, 3.3V, 3.45V, 5.0V.
Short-Circuit Protection
The regulator output current is internally limited
and the device is protected against short-circuit,
over-load. The peak output current is limited to
around 900mA, which exceeds the 500mA
recommended continuous output current.
Thermal Shutdown
When the junction temperature exceeds the
upper threshold (165
°C), the thermal sensor
sends a signal to the control logic to shutdown
the IC. The IC will restart when the temperature
has sufficiently cooled (135
°C).
The maximum power output current is a
function of the package’s maximum power
dissipation for a given temperature.
The maximum power dissipation is dependent
on the thermal resistance of the case and the
circuit
board,
the
temperature
difference
between the die junction and the ambient air,
and the rate of air flow. The GND pin and
Exposed Pad must be connected to the ground
plane for proper dissipation.
Power Good Output
MP2014 has one power good (PG) pin. The PG
pin is the open drain of an internal MOSFET. It
should be connected to VOUT or external voltage
source(<15V) through a resistor (i.e. 100kohm).
After the VOUT reaches 93% of nominal value,
the MOSFET turns off and PG pin is pulled to
high by VOUT or external voltage source. When
the VOUT drops to 88% of nominal value, the PG
voltage is pulled to GND.
There is a delay time when PG asserts high.
The delay time can be programmed by adding a
capacitor on PGDL. To select a capacitor for
PGDL, use below equation:
PGDL
PGDL
PGDL
th_PGDL
t(ms) I
( A)
C(nF)
V(V)
μ
×
=
Where tPGDL is the desired delay time for PG
asserts high, IPGDL is the PGDL charging current
and Vth_PGDL is 1.65V.
Figure 2 shows the power good timing.
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com