Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124GD Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8124GD Datasheet HTML 12Page - Monolithic Power Systems MP8124GD Datasheet HTML 13Page - Monolithic Power Systems MP8124GD Datasheet HTML 14Page - Monolithic Power Systems MP8124GD Datasheet HTML 15Page - Monolithic Power Systems MP8124GD Datasheet HTML 16Page - Monolithic Power Systems MP8124GD Datasheet HTML 17Page - Monolithic Power Systems MP8124GD Datasheet HTML 18Page - Monolithic Power Systems MP8124GD Datasheet HTML 19Page - Monolithic Power Systems MP8124GD Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP8124 – 500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
MP8124 Rev. 1.0
www.MonolithicPower.com
16
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Tone Generation
In accordance with DiSEqC 1.x standards, the
part can detect a 22kHz signal through EXTM,
shape it with the built-in amplitudes and rise
and fall times, and modulate the output (see
Figure 2).
The external tone source on EXTM should be
within the 20kHz to 24kHz range to meet
DiSEqC 1.x standards. The MP8124 responds
to the tone rising and returns to a normal
voltage if there is no signal input from EXTM
after about 40μs. Tie EXTM to GND if the
22kHz signal is not needed.
The 22kHz tone signal is shaped on VOUT by
the linear regulator. The MP8124 is able to
provide an optimal tone signal, even when there
is no load on VOUT.
Figure 2: Tone Signal on Output
LDO Pull-Down Current and Protection
VOUT sinks the current when the output is
higher than the set voltage, so the voltage
transient from 18V to 13V or the 22kHz tone
signal works well, even though there is no load
current on the output. To prevent power loss
and thermal issues caused by the sink current
when the output is biased to a higher voltage, a
timer with a typical 9ms period is enabled when
the sink current triggers the sink current limit. If
the LDO sink current limit signal still remains
after 9ms, the sink current circuit is turned off.
The sink current circuit is enabled again after a
delay of about 450ms and continues monitoring
the sink over-current condition.
The LDO has different sink current capabilities
based on whether the tone is available or not.
Thermal Protection
When
the
junction
temperature
exceeds
+160°C, the part shuts down. Once the junction
temperature drops below 140°C, the part
restarts automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com