Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8124GD Datasheet HTML 13Page - Monolithic Power Systems MP8124GD Datasheet HTML 14Page - Monolithic Power Systems MP8124GD Datasheet HTML 15Page - Monolithic Power Systems MP8124GD Datasheet HTML 16Page - Monolithic Power Systems MP8124GD Datasheet HTML 17Page - Monolithic Power Systems MP8124GD Datasheet HTML 18Page - Monolithic Power Systems MP8124GD Datasheet HTML 19Page - Monolithic Power Systems MP8124GD Datasheet HTML 20Page - Monolithic Power Systems MP8124GD Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP8124 – 500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
MP8124 Rev. 1.0
www.MonolithicPower.com
18
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Soft-Start (SS) Capacitor Setting
With the required output voltage rising time
(TRISE), the value of CTCAP can be calculated using
Equation (5):
CHA
RISE
TCAP
OUT
(13.5 I
T
)
C
V
××
=
(5)
Where ICHA is the charging current, typically
6.8μA.
The TCAP soft-start capacitor also controls the
voltage transient slew rate between 13V and 18V.
TCAP is the feedback reference voltage of the
boost and LDO output. One small capacitor is
necessary to decouple TCAP. Typically, a 22nF
capacitor is recommended to control the soft start
and decouple the reference voltage.
Compensation Circuits Setting for the Boost
Converter
The output of the transconductance error
amplifier (COMP) is used to compensate the
regulation control system. R1 and C7 in series
compensate the feedback loop gain and phase.
Typically, R1 = 60.4kΩ and C7 = 3.3nF is
recommended for the ceramic output condition.
Please refer to Figure 4 on page 20 for details.
If the electrolytic capacitor is used to replace the
ceramic capacitor at the boost’s output during
application, one small capacitor from COMP to
GND is recommended. This forms a pole with R1
to compensate for the effect of the zero formed
by the electrolytic capacitor ESR.
BYPASS Capacitor
The MP8124 integrates the VCC power for internal
circuit bias at 5V, typically. One 0.22µF ceramic
bypass capacitor is necessary for the internal
regulator. The VCC power supplies the internal
control circuit and does not connect the external
load to the VCC power.
BST Capacitor
The MP8124 uses one charge pump to power
the N-channel MOSFET for the LDO regulator.
One external bootstrap capacitor is necessary to
bypass the charge pump power. A 0.1µF ceramic
capacitor between
BST
and
VBOOST
is
recommended.
Logic Input Connection
For EN, LINEDROP, 13V/18V, and EXTM, one
high-level voltage (>2V) or low-level voltage
(<0.8V) sets the different function states. The
high-level input voltage connected to these pins
should not be higher than 6.5V. For high-voltage
inputs, <5.5V signals are recommended.
The EN signal can be connected to VIN through
a resistor divider to set the automatic start-up
once the input power is available. Do not pull up
to VIN through one resistor. The resistor divider
must keep the EN voltage within the 2V to 5.5V
range for an input power range of 8V to 14V.
Typically, a divider with a 249kΩ high-side
resistor and a 100kΩ low-side resistor are
recommended for normal application.
It is suggested that LINEDROP and 13V/18V are
pulled to the BYPASS voltage for a default high
input or pulled to GND for a default low input.
The EXTM input signal should also be lower than
5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com