Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8124GD Datasheet HTML 1Page - Monolithic Power Systems MP8124GD Datasheet HTML 2Page - Monolithic Power Systems MP8124GD Datasheet HTML 3Page - Monolithic Power Systems MP8124GD Datasheet HTML 4Page - Monolithic Power Systems MP8124GD Datasheet HTML 5Page - Monolithic Power Systems MP8124GD Datasheet HTML 6Page - Monolithic Power Systems MP8124GD Datasheet HTML 7Page - Monolithic Power Systems MP8124GD Datasheet HTML 8Page - Monolithic Power Systems MP8124GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP8124 – 500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
MP8124 Rev. 1.0
www.MonolithicPower.com
4
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 3.3V, TJ = -40°C to 125°C. Typical value is tested at TJ = 25°C, unless otherwise
noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
General
Input voltage range
VIN
8
12
14
V
Shutdown current
ISD
EN = low
15
μA
EN = high, VOUT = 19V, no load
EXTM = 0
4
mA
Input supply current
(5)
IIN
EN = high, VOUT = 19V, no load
EXTM = 22kHz
12
mA
Under-voltage lockout
UVLO
VIN rising
6.8
7.25
7.7
V
UVLO hysteresis
350
mV
Voltage on BYPASS
VBYP
ILOAD = 0mA - 10mA
4.5
5
5.5
V
Over-temperature
shutdown
(5)
160
°C
Over-temperature protection
hysteresis
(5)
20
°C
Boost Regulator
Boost switch-on resistance
RDSON
ISW = 500mA
120
mΩ
Boost MOSFET switching
current limit
Duty = 60%
3
3.75
4.5
A
TJ = 25°C
390
440
490
Boost frequency
Fs
TJ = -40°C to 125°C
360
440
520
kHz
Linear Regulator
Dropout voltage
VDROP
VBOOST - VOUT, IOUT = 50mA
1
V
Output voltage accuracy
VOUT
VOUT = 13V/14V/18V/19V,
IOUT = 10mA
-2.5
+2.5
%
Output line regulation
(5)
8V ≤ VIN ≤ 14V, IOUT = 500mA
10
mV
0mA ≤ IOUT ≤ 500mA, VOUT = 13V
10
mV
Output load regulation
(5)
0mA ≤ IOUT ≤ 500mA, VOUT = 18V
25
mV
Output current limit
ILIMIT
530
600
670
mA
Dynamic overload protection
off time
TOFF
Time of attempt to restart
1.9
s
Dynamic overload protection
on time
TON
Time to onset of shutdown
50
ms
TCAP capacitor charging,
TJ = 25°C
5
6.8
8.5
TCAP current
ICHA
TJ = -40°C to 125°C
4.5
6.8
9
μA
Output backward leakage
current
(6)
IBKLK
EN = low, VOUT is clamped to
24V, VBOOST floats
0.8
1.5
mA
VOUT = 18V, EXTM = 22kHz,
clamp VOUT to 19V
45
mA
LDO output sink current
ISINK
VOUT = 18V, EXTM = 0V,
clamp VOUT to 19V
7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com