Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8124GD Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8124GD
Description  500mA LNB Power Supply and Control Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8124GD Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8124GD Datasheet HTML 13Page - Monolithic Power Systems MP8124GD Datasheet HTML 14Page - Monolithic Power Systems MP8124GD Datasheet HTML 15Page - Monolithic Power Systems MP8124GD Datasheet HTML 16Page - Monolithic Power Systems MP8124GD Datasheet HTML 17Page - Monolithic Power Systems MP8124GD Datasheet HTML 18Page - Monolithic Power Systems MP8124GD Datasheet HTML 19Page - Monolithic Power Systems MP8124GD Datasheet HTML 20Page - Monolithic Power Systems MP8124GD Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
MP8124 – 500mA, LNB POWER SUPPLY AND CONTROL REGULATOR
MP8124 Rev. 1.0
www.MonolithicPower.com
19
11/11/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient PCB layout is critical for high-frequency
switching power supplies. A poor layout can
result in reduced performance, excessive EMI,
resistive loss, and system instability. For best
results, refer to Figure 3 and follow the guidelines
below.
1. Keep the boost output loop (IC-SW, D1, C2B,
and IC-PGND) as small as possible.
2. Place the LDO input capacitor (C2A) and the
output capacitor (C4) as close to VBOOST
and VOUT as possible.
3. Connect the LDO output capacitor and the
other signal ground to AGND.
4. Connect the boost output ground to PGND
and then to AGND with a single point.
5. Keep all high-frequency AC current power
traces (VDD, SW, PGND) as short and wide
as possible.
6. Keep the TCAP voltage trace far away from
any noise sources, such as the SW node.
7. Place a small decoupling capacitor as close
to VDD as possible to reduce the input
voltage ripple.
8. Place the bypass capacitor as close to
BYPASS and VOUT as possible.
9. Keep the BST voltage path as short as
possible.
10. Use a wide copper trace for GND to improve
thermal performance. Vias on GND and
copper around and under the MP8124 are
also recommended to improve thermal
performance.
1
2
2
1
2
1
2
1
1
2
2
1
2
1
1
2
2
1
2
1
1
2
1
2
1
2
2
1
1
2
1
2
1
2
2
1
VBOOST
VOUT
EXTM
13V/18V
Figure 3: Layout Recommendation
Design Example
Table 1 is a design example following the
application guidelines for the specifications below:
Table 1: Design Example
VIN
8V - 14V
VOUT
13V/ 14V/ 18V/ 19V
IOUT
0A ~ 0.5A
The detailed application schematic is shown in
Figure 4. The typical performance and circuit
waveforms are shown in the Typical Performance
Characteristics
section.
For
more
device
applications, please refer to related evaluation
board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com