Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-AB-H3AB Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LE-AB-H3AB
Description  compact lightsource in multi chip on board technology; planar sealed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-AB-H3AB Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LE-AB-H3AB Datasheet HTML 5Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 6Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 7Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 8Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 9Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 10Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 11Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 12Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LE AB H3AB
2008-07-07
9
Relative Lichtstärke
2) Seite 17
Relative Luminous Intensity
2) page 17
Ι
V/ΙV(25 °C) = f (Tj); IF = 1000 mA
Dominante Wellenlänge
2) Seite 17
Dominant Wavelength
2) page 17
LA
,
λ
dom = f (IF); Tboard = 25 °C
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 1000 mA(amber)
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 1000 mA (blue)
OHL02490
0
T
-40
˚C
-20
020
40
60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.6
j
blue
amber
V (25 ˚C)
I
V
I
OHL02996
-2.5
0
nm
Δλ
dom
I
F
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
3.0
0.5
1
1.5
2
A 2.5
-60
-0.10
-40 -20
0
20
˚C
60
40
T
j
100
OHL02986
V
F
V
Δ
-0.05
0
0.05
0.10
0.15
0.20
0.30
OHL02808
T
j
-40
-0.1
-0.2
-0.3
0
0.1
-20
0
20 40
0.2
0.4
˚C
60
100
-60
V
V
F
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com