Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-AB-H3AB Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LE-AB-H3AB
Description  compact lightsource in multi chip on board technology; planar sealed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-AB-H3AB Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LE-AB-H3AB Datasheet HTML 8Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 9Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 10Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 11Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 12Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 13Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 14Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 15Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
2008-07-07
12
LE AB H3AB
Maßzeichnung
9) Seite 17
Package Outlines
9) page 17
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
5.3 g
Verwendeter Stecker / Used male connector on board:
JST SM10B-SRSS-TB (www.jst.com)
Empfohlene Gegenstecker /
JST SHR-10V-S (www.jst.com)
Recommended female connector for power supply:
JST SHR-10V-S-B (www.jst.com)
Kontakt - Pins:
SSH-003T-P0.2 (www.jst.com)
Chip-Position:
1: Blue
2: Blue
3: Amber
4: Amber
5: Amber
6: Amber
Pin-Assignment:
1:
Anode; Chip 5, 6
2:
Cathode; Chip 5, 6
3:
Anode; Chip 4
4:
Cathode; Chip 4
5:
NTC
6:
NTC
7:
Anode; Chip 3
8:
Cathode; Chip 3
9:
Anode; Chip 1, 2
10:
Cathode; Chip 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com