Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE-AB-H3AB Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LE-AB-H3AB
Description  compact lightsource in multi chip on board technology; planar sealed
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-AB-H3AB Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LE-AB-H3AB Datasheet HTML 9Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 10Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 11Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 12Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 13Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 14Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 15Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 16Page - OSRAM GmbH LE-AB-H3AB Datasheet HTML 17Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LE AB H3AB
2008-07-07
13
Connecting and disconnecting OSRAM OS Ostar Projection modules
When connecting or disconnecting an Ostar Projection module care has to be taken in order to prevent
a damage of the module. The module is equipped with a male connector socket (JST SM 10B-SR
SS-TB). As a female connector for power supply a JST SHR-10V-S (without protrusions) or a JST
SHR-10V-S-B (with protrusions) with SSH-003T-P0.2 pins is recommended.
When disconnecting the connector the applied pull force must not exceed 17 N * (footnote * A force of
17 N can only be applied dynamically during disconnecting. No constant force must be applied to the
connector.) Disconnection of the module during operation or at high temperatures can damage the
module. The board temperature must not exceed 40°C during disconnection. During mating operation,
mate connectors while holding wires in a bundle on the same axis to the mating axis. For unmating wires
must be held in a bundle within 20 degrees to the mating axis (see Fig. for explanation).
OHO03020
PCB
Connector
PCB
Connector
Wire
20˚
20˚
20˚
Wire



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com