Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4051GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4051GS
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4051GS Datasheet HTML 1Page - Monolithic Power Systems MP4051GS Datasheet HTML 2Page - Monolithic Power Systems MP4051GS Datasheet HTML 3Page - Monolithic Power Systems MP4051GS Datasheet HTML 4Page - Monolithic Power Systems MP4051GS Datasheet HTML 5Page - Monolithic Power Systems MP4051GS Datasheet HTML 6Page - Monolithic Power Systems MP4051GS Datasheet HTML 7Page - Monolithic Power Systems MP4051GS Datasheet HTML 8Page - Monolithic Power Systems MP4051GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
2
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4051GS
SOIC8
MP4051
* For Tape & Reel, add suffix –Z (e.g. MP4051GS–Z);
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
COMP
FB
GND
CS
MULT
ZCD
VCC
GATE
SOIC8
ABSOLUTE MAXIMUM RATINGS
(1)
Input Voltage VCC......................... -0.3V to +30V
ZCD Pin............................................ -7V to +7V
Other Analog Inputs and Outputs..... -0.3V to 7V
Max. Gate Current ....................................±1.2A
Continuous Power Dissipation
(TA = +25°C)
(2)
SOIC8........................................................1.3W
Junction Temperature.............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VCC....................... 10.3V to 23V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 ...................................96 ...... 45 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com