Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4051GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4051GS
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4051GS Datasheet HTML 6Page - Monolithic Power Systems MP4051GS Datasheet HTML 7Page - Monolithic Power Systems MP4051GS Datasheet HTML 8Page - Monolithic Power Systems MP4051GS Datasheet HTML 9Page - Monolithic Power Systems MP4051GS Datasheet HTML 10Page - Monolithic Power Systems MP4051GS Datasheet HTML 11Page - Monolithic Power Systems MP4051GS Datasheet HTML 12Page - Monolithic Power Systems MP4051GS Datasheet HTML 13Page - Monolithic Power Systems MP4051GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
10
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP4051 is a non-isolated control offline LED
controller which incorporates all the features for
high-performance LED lighting. Active Power
Factor Correction (PFC) eliminates unwanted
harmonic noise to pollute the AC line.
Start Up
Initially, VCC of the MP4051 is charged through
the start up resistor from the AC line. When VCC
reaches 13.6V, the control logic works and the
gate drive signal begins to switch. Then the
power supply is taken over by the auxiliary
winding.
The MP4051 will shut down when VCC drops
below 9V.
Boundary Conduction Mode Operation
During the external MOSFET on time (tON), the
rectified input voltage (VBUS) applies to the
inductor (Lm), and the inductor current (ILm)
increases linearly from zero to the peak value
(Ipk). When the external MOSFET turns off, the
output diode is turned on and the energy stored
in the inductor is transferred to the load. Then the
inductor current (ILm) begins to decrease linearly
from the peak value to zero. The auxiliary
winding is coupled with the inductor to supply the
Vcc voltage and turn on signal detection for ZCD.
The zero-current detector in the ZCD pin
generates the turn-on signal of the external
MOSFET when the ZCD voltage falls below
0.31V (see Figure 3).
As a result, there are virtually no MOSFET turn-
on losses and no output-diode reverse-recover
losses. It ensures high efficiency and low EMI
noise.
Real Current Control
In high-side solution (including both Buck and
Buck-Boost), the current is controlled through FB
Pin, the mean output LED current is directly
sampled by FB pin, so the load regulation of
high-side solution is good. The output LED
current can be set as:
= FB
o
FB
V
I
R
In low-side Buck-Boost, the mean output LED
current is calculated through the peak current
sensed from the MOSFET (through CS Pin). And
the mean output LED current can be calculated
approximately as:
≈
⋅
FB
o
s
V
I
2R
VFB—The feedback reference voltage (typical
0.4V)
RFB—The sensing resistor connected between
the FB RC filter and GND in high-side solution.
Rs—The sensing resistor connected between the
MOSFET source and GND in low-side Buck-
Boost.
V
DS
V
BUS+VOUT
V
BUS
I
pk
toff
t
on
turn-on
V
ZCD
0
ILm
I
Lm
Figure 2—Boundary Conduction Mode
(Buck-Boost for example)
+
Vcc
ZCD
Auxiliary Winding
RZCD1
0.31V
turn-on
signal
RZCD2
CZCD
Figure 3—Zero Current Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com