Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4051GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4051GS
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4051GS Datasheet HTML 1Page - Monolithic Power Systems MP4051GS Datasheet HTML 2Page - Monolithic Power Systems MP4051GS Datasheet HTML 3Page - Monolithic Power Systems MP4051GS Datasheet HTML 4Page - Monolithic Power Systems MP4051GS Datasheet HTML 5Page - Monolithic Power Systems MP4051GS Datasheet HTML 6Page - Monolithic Power Systems MP4051GS Datasheet HTML 7Page - Monolithic Power Systems MP4051GS Datasheet HTML 8Page - Monolithic Power Systems MP4051GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP4051
Non-isolated Solution
Offline LED Controller with Active PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
1
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4051 is a non-isolated offline LED lighting
controller that achieves high power factor and
accurate LED current for single-stage PFC
lighting applications in a single SOIC8 package.
The MP4051 integrates power factor correction
and works in boundary conduction mode to
reduce the MOSFET switching losses.
The extremely low start-up current and quiescent
current reduces the total power consumption and
provides a high-efficiency solution for non-
isolated lighting applications.
The multi-protection features of MP4051 greatly
enhance system reliability and safety. The
MP4051 features over-voltage protection, short-
circuit protection, cycle-by-cycle current limiting,
VCC UVLO, and auto-restart over-temperature
protection.
FEATURES
• Unique Architecture for Superior Line
Regulation
• Achieve <1% Line and Load Regulation
• High Power Factor≥0.9 Over Universal Input
Voltage
• Boundary Conduction Mode improves
Efficiency
• Ultra-low (20µA) Start-up Current
• Low (1mA) Quiescent Current
• Input UVLO
• Cycle-by-cycle Current Limit
• Over-voltage Protection
• Short-circuit Protection
• Over-temperature Protection
• Available in an SOIC8 Package
APPLICATIONS
• Solid-state Lighting
• Industrial and Commercial Lighting
• Residential Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
The MP4051 is under patent pending.
TYPICAL APPLICATION (HIGH-SIDE BUCK-BOOST TOPOLOGY)
EMI
Filter
MULT
COMP
GATE
GND
VCC
ZCD
CS
MP4051
FB
45
1
3
28
6
7


Similar Part No. - MP4051GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4050 MPS-MP4050 Datasheet
692Kb / 21P
Non-Isolated, High Brightness, LED Driver
MP4050A MPS-MP4050A Datasheet
557Kb / 21P
Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
MP4050AGJ MPS-MP4050AGJ Datasheet
557Kb / 21P
Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
MP4050AGS MPS-MP4050AGS Datasheet
557Kb / 21P
Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
MP4050AGS MPS-MP4050AGS Datasheet
447Kb / 10P
Universal Input, 40V/115mA Off-line Non-isolated LED Driver Evaluation Board
More results

Similar Description - MP4051GS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
logo
List of Unclassifed Man...
ZSLS7031 ETC2-ZSLS7031 Datasheet
1Mb / 22P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Integrated Device Techn...
ZLED7031 IDT-ZLED7031 Datasheet
1Mb / 20P
Isolated and Non-isolated Flyback LED Driver with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
Non-isolated Offline LED Controller with Active PFC
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
logo
Renesas Technology Corp
ZSLS7031 RENESAS-ZSLS7031 Datasheet
1Mb / 21P
Isolated and Non-isolated Flyback LED Driver with Active PFC
January 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com