Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4051GS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4051GS
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051GS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4051GS Datasheet HTML 1Page - Monolithic Power Systems MP4051GS Datasheet HTML 2Page - Monolithic Power Systems MP4051GS Datasheet HTML 3Page - Monolithic Power Systems MP4051GS Datasheet HTML 4Page - Monolithic Power Systems MP4051GS Datasheet HTML 5Page - Monolithic Power Systems MP4051GS Datasheet HTML 6Page - Monolithic Power Systems MP4051GS Datasheet HTML 7Page - Monolithic Power Systems MP4051GS Datasheet HTML 8Page - Monolithic Power Systems MP4051GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
5
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Pin Function
1
MULT
Multiplier input. Connect this pin to the tap of resistor divider from the rectified voltage of the
AC line. The half-wave sinusoid signal to this pin provides a reference signal for the internal
current control loop.
2
ZCD
Zero-current detection. A negative going-edge triggers the turn-on signal of the external
MOSFET. Connect this pin to a resistor divider between the auxiliary winding to GND. Over-
voltage condition is detected through ZCD. Every switching turn-off interval, if ZCD voltage
is higher than the over-voltage-protection (OVP) threshold after the 1.5µs blanking time, the
over-voltage protection will be triggered and the system will stop switching until auto-restart
comes. ZCD pin can also monitor over-current condition. Connect this pin thru a diode to a
resistor divider between CS to GND. Every switching turn-on interval, if ZCD voltage is
higher than the over-current-protection (OCP) threshold after the 280ns blanking time, the
over-current protection will trigger and the system will stop switching until auto-restart
comes.
3
VCC
Power supply input. This pin supplies the power for the control signal and the high-current
MOSFET grade drive output. Bypass this pin to ground with an external bulk capacitor of
typically 22µF in parallel with a 100pF ceramic cap to reduce noise.
4
GATE
Gate drive output. This totem pole output stage is able to drive a high-power MOSFET with
a peak current of 1A source capability and 1.2A sink capability. The high level voltage of
this pin is clamped to 13.5V to avoid excessive gate drive voltage. And the low level voltage
is higher than 6V to guarantee enough drive capacity.
5
CS
Current sense. The MOSFET current is sensed via a sensing resistor to its source lead. The
comparison between the resulting voltage and the internal sinusoidal-current reference
signal determines when the MOSFET turns off. In Buck-Boost solution (both high side and
low side), CS Pin is also used for current sample.
A feed-forward from the rectified AC line voltage connected to the current sense pin
maximizes the line regulation. If the pin voltage is higher than the current limit threshold of
2.5V (after turn-on blanking) the gate drive will turn off.
6
GND
Ground. Current return for the control signal and the gate drive signal.
7
FB/NC
Feedback signal. This Pin is used for current sample in high side Buck-Boost or Buck, and
it’s benefit for load regulation to sample the current through FB Pin.
Leave this pin floating (NC) in low side Buck-Boost solution.
8
COMP
Loop compensation input. Connect a compensation network to stabilize the LED drive and
maintain an accurate LED current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com