Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5507EGRG Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5507EGRG Datasheet HTML 1Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 2Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 3Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 4Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 5Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 6Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 7Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 8Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP5507E
– 7V, 3A, ENERGY STORAGE AND MANAGEMENT UNIT
MP5507E Rev. 1.0
www.MonolithicPower.com
3
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
Supply voltage (VIN) ....................................8.0V
VSTRG.............................................. -0.3V to 35V
VSW ...................................-0.3V to VSTRG + 0.3V
VBST ..................................-0.3V to VSTRG + 6.5V
VCST ............................................... -0.3V to 40V
All other pins................................. -0.3V to 6.5V
Continuous power dissipation (TA = +25°C)
(2)
................................................................2.08W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Operating temperature............... -40°C to +85°C
Recommended Operating Conditions
(3)
Supply voltage (VIN) .......................... 2.7V to 7V
Bus voltage (VB)................................ 2.7V to 6V
Storage voltage (VSTRG)...................... VIN to 30V
Max. input current .......................................4.6A
Max. buck release current .............................3A
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN-16 (2.5mmx3.2mm) ....... 60 ...... 14... °C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) The maximum power dissipation is a function of the maximum
junction
temperature
TJ (MAX),
the
junction-to-ambient
thermal resistance θ
JA, and the ambient temperature TA. The
maximum continuous power dissipation at any ambient
temperature is calculated by PD (MAX) = (TJ (MAX)-TA)/θJA.
Exceeding
the
maximum
allowable
power
dissipation
produces an excessive die temperature, causing the regulator
to go into thermal shutdown. Internal thermal shutdown
circuitry protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com