Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5507EGRG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5507EGRG Datasheet HTML 1Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 2Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 3Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 4Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 5Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 6Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 7Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 8Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP5507E
– 7V, 3A, ENERGY STORAGE AND MANAGEMENT UNIT
MP5507E Rev. 1.0
www.MonolithicPower.com
4
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input supply voltage range
VIN
2.7
7
V
Supply current (quiescent)
IQ
VENCH = 2V, VFBB/FBS = 1V
2
mA
VIN under-voltage lockout
threshold rising
INUVR
2.5
2.7
V
VIN under-voltage lockout
threshold hysteresis
INUVHYS
0.3
0.4
0.5
V
ENCH high threshold rising
ENCHR
1.2
V
ENCH low threshold falling
ENCHF
0.4
V
DISC high threshold rising
DISCR
1.2
V
DISC low threshold
falling
DISCF
0.4
V
VIN to VB current limit FET on
resistance
RDS(ON)
60
mΩ
Continuous current limit
ILIM
RILIM = 1.4kΩ
3.24
3.6
3.96
A
Off-state leakage current
ILEAK
VIN = 6V, VB = 0V or
VB = 6V, VIN = 0V
2
μA
VB clamping voltage
VCLAMP
VIN = 7V
5.5
6
6.5
V
Rise time (DVDT)
τ
R
DVDT floating
0.8
ms
Connect a capacitor to DVDT,
test DVDT charge current
2
μA
Internal reset delay time
τ
D
Power on to VB rise delay
1.1
ms
Pre-charge current
ICH-PRE
130
mA
Charge peak current in boost
mode
ICH
500
mA
Boost disconnect switch Ron
Rdison
25
mΩ
Energy management HS Ron
RHon
100
mΩ
Energy management LS Ron
RLon
80
mΩ
Feedback voltage
VFBB, VFBS
0.782
0.79
0.81
V
Feedback current
IFBB
VFBB = VFBS = 0.79V
50
nA
PGB high threshold
PGH_B
1.03
VFBB
PGB low threshold
PGL_B
1
VFBB
PGB delay
PGD_B
Falling
0.5
μs
PGB sink current capability
Sink 4mA
0.3
V
PGB leakage current
VPGB = 3.3V
120
nA
Buck-mode dumping peak
current limit
IDUMP
5
A
Release-buck switching
frequency
fs_RLS
1.2
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com