Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5507EGRG Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5507EGRG Datasheet HTML 9Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 10Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 11Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 12Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 13Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 14Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 15Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 16Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP5507E
– 7V, 3A, ENERGY STORAGE AND MANAGEMENT UNIT
MP5507E Rev. 1.0
www.MonolithicPower.com
13
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
VB Release
Regulated Voltage
VB
PGB
VSTRG
DISC
Figure 5: DISC Off
Bus Power-Good Indicator (PGB)
When the voltage on FBB (bus feedback) falls
below 1.0xVFBB, the MP5507E pulls PGB low to
indicate the release status. When the FBB
voltage rises above 1.03xVFBB, the MP5507E
pulls PGB high to indicate the input power good
status.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip from thermal damage. When the silicon die
temperature is higher than its upper threshold,
the
entire
chip
shuts
down.
When
the
temperature is below its lower threshold, the
chip turns on again if VIN power is available.
However, if thermal shutdown occurs in buck
mode without VIN power, the chip will not turn
on again, even if STRG has a power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com