Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5507EGRG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5507EGRG
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507EGRG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5507EGRG Datasheet HTML 1Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 2Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 3Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 4Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 5Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 6Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 7Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 8Page - Monolithic Power Systems MP5507EGRG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP5507E
7V, 3A, High-Efficiency, Energy
Management IC for Power Backup
MP5507E Rev. 1.0
www.MonolithicPower.com
1
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The
MP5507E
is
an
integrated
power
management IC that provides a power backup
function for solid-state drive and hard-disk drive
applications.
The
MP5507E
provides
an
efficient and compact system solution with an
integrated, programmable, input-current limit
switch, energy storage, and a backup function.
The MP5507E applies
MPS’ patented energy
storage and release management technology to
minimize the required storage components,
system solution size, and cost. The MP5507E
boosts up the input voltage to a higher storage
voltage in normal condition and releases the
energy to the system when an input outage
occurs. The internal input current limit block
with DVDT control prevents inrush current
during system start-up and provides reverse
current blocking during the backup period. The
system voltage start-up slew rate can be
programmable.
The
storage
voltage
and
release voltage are both programmable for
different system applications.
The MP5507E requires a minimal number of
readily
available,
standard,
external
components and is available in a QFN-16
(2.5mmx3.2mm) package.
FEATURES
 Small 2.5mmx3.2mm QFN-16 Package
 Wide 2.7V to 7V Operating Input Range
 Programmable Storage Voltage up to 30V
 Up to 4.6A Programmable Input Current
Limit
 Up to 3A Buck Release Current Capability
 Reverse Current Block of Input Switch
 6V Bus Clamping Voltage
 Adjustable DVDT Slew Rate for VB Start-Up
 Bus Power Good Indicator
 1.2MHz Buck Release Mode Switching
Frequency
 Internal 60mΩ Hot-Swap Switch
 Internal 100mΩ and 80mΩ Power Switches
for Energy Storage and Release
Management Circuits
 Thermal Protection
APPLICATIONS
 Solid-State Drives
 Hard-Disk Drives
 Power Back-Up Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP5507E
FBS
STRG
FBB
VBO
PGB
VIN
C1
C2
R1
10.7k
R2
4.02k
R4
14k
R3
200k
C3
SW
L1
1μH
BST
C4
100nF
DISC
ENCH
DVDT
22μF
CST
ILIM
R5
1.2k
0.1μF
VB
TVS
optional
for spike
D1
VB to DCDC
PGND
AGND


Similar Part No. - MP5507EGRG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5507EGRG MPS-MP5507EGRG Datasheet
391Kb / 6P
7V Energy Storage and Management Unit for SSD Application Evaluation Board
More results

Similar Description - MP5507EGRG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTE1122 MICROCHIP-MTE1122 Datasheet
139Kb / 8P
Energy Management Controller IC
1995
logo
Maxim Integrated Produc...
MAX8672 MAXIM-MAX8672 Datasheet
258Kb / 17P
Complete Backup Management IC for NiMH Batteries
Rev 0; 11/06
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
920Kb / 17P
High-efficiency Power Management IC
logo
Richtek Technology Corp...
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
Power Management IC for SSD
logo
Monolithic Power System...
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
EV5505E-L-00A MPS-EV5505E-L-00A Datasheet
199Kb / 7P
7V, 4A Energy Storage and Management Unit Application Evaluation Board
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
7V Energy Storage and Management Unit for SSD Application Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com