Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759GD Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8759GD
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759GD Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8759GD Datasheet HTML 12Page - Monolithic Power Systems MP8759GD Datasheet HTML 13Page - Monolithic Power Systems MP8759GD Datasheet HTML 14Page - Monolithic Power Systems MP8759GD Datasheet HTML 15Page - Monolithic Power Systems MP8759GD Datasheet HTML 16Page - Monolithic Power Systems MP8759GD Datasheet HTML 17Page - Monolithic Power Systems MP8759GD Datasheet HTML 18Page - Monolithic Power Systems MP8759GD Datasheet HTML 19Page - Monolithic Power Systems MP8759GD Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
16
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Calculate R2 first, and then calculate R1 with
Equation (6):
1
FB
2OUT
FB
4
9
1
R=
V1
-
R(V
-V ) R +R
(6)
Usually, R9 is set to 499Ω. It should be five times
smaller than R1//R2 to minimize its influence on
Vramp. R9 can also be set for better noise
immunity with Equation (7):
9
4SW
1
R
2C
2F

(7)
Table 1 lists the recommended resistor values for
common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
L
(μH)
R4
(kΩ)
C5
(pF)
1
48.7
66.5
0.68
499
220
1.2
52.3
47
0.95
499
220
1.5
82.5
47
0.95
499
220
1.8
115
47
0.95
499
220
2.5
43.2
12.7
1.2
499
330
3.3
43
9.63
1.5
NS
NS
5
41.2
5.6
1.5
NS
NS
Selecting the Inductor
The inductor is necessary for supplying a
constant current to the output load while being
driven by the switched input voltage. An inductor
with a larger value results in less ripple current
and lower output ripple voltage. However, it also
has a larger physical footprint, higher series
resistance, and lower saturation current. A good
rule for determining the inductance value is to
design the peak-to-peak ripple current in the
inductor to be in the range of 30% to 40% of the
maximum output current to ensure that the peak
inductor current is below the maximum switch
current limit. The inductance value can be
calculated with Equation (8):
OUT
OUT
SW
L
IN
VV
L(1
)
FI
V
 

(8)
Where ∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current. The peak
inductor current can be calculated with Equation
(9):
OUT
OUT
LP
OUT
SW
IN
VV
II
(1
)
2F
L
V

 
(9)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous and therefore requires a capacitor
to supply AC current to the step-down converter
while maintaining the DC input voltage. Use
ceramic capacitors placed as close to VIN as
possible for best performance. Capacitors with
X5R
and
X7R
ceramic
dielectrics
are
recommended because they are fairly stable with
temperature fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated with Equation (10):
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV

 
(10)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (11):
OUT
CIN
I
I
2
(11)
For simplification, choose an input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If there is an input
voltage ripple requirement in the system, choose
an input capacitor that meets the specification.
The input voltage ripple can be estimated with
Equation (12):
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
FC
V
V

 
(12)
Under worst-case conditions where VIN = 2VOUT,
use Equation (13):
OUT
IN
SW
IN
I
1
V
4F
C
 
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com