Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759GD Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8759GD
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759GD Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8759GD Datasheet HTML 14Page - Monolithic Power Systems MP8759GD Datasheet HTML 15Page - Monolithic Power Systems MP8759GD Datasheet HTML 16Page - Monolithic Power Systems MP8759GD Datasheet HTML 17Page - Monolithic Power Systems MP8759GD Datasheet HTML 18Page - Monolithic Power Systems MP8759GD Datasheet HTML 19Page - Monolithic Power Systems MP8759GD Datasheet HTML 20Page - Monolithic Power Systems MP8759GD Datasheet HTML 21Page - Monolithic Power Systems MP8759GD Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
19
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 11: VIN = 12V
(6), Vo = 5V, Io = 8A Application Schematic with Ceramic Output Capacitors
Figure 12: VIN = 12V
(6), Vo = 3.3V, Io = 8A Application Schematic with Ceramic Output Capacitors
R5
1.5M
C4
1µF
GND
L1
1.2µH
VIN
NC
EN
MODE
FB
SW
VOUT
R6
NC
AGND
R10
NC
R7
NC
R8
100k
AGND
VCC
C6
100nF
R3
3.3Ω
C3
220nF
R4
499K
C5
300pF
R9
499
R1
43.2k
R2
12.7k
C2A
NC
C2B
100nF
C2C
22µF
C2D
22µF
C2E
22µF
C2F
22µF
C2G
100nF
2.5V
VOUT
GND
100µF
Optional
C1A
22µF
C1B
22µF
C1C
100nF
VIN
GND
GND
1
4
12
6
3
9
10
2
11
5
7
8
VOUT
Figure 13: VIN = 12V
6), Vo = 2.5V, Io = 8A Application Schematic with Ceramic Output Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com