Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8759GD
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8759GD Datasheet HTML 1Page - Monolithic Power Systems MP8759GD Datasheet HTML 2Page - Monolithic Power Systems MP8759GD Datasheet HTML 3Page - Monolithic Power Systems MP8759GD Datasheet HTML 4Page - Monolithic Power Systems MP8759GD Datasheet HTML 5Page - Monolithic Power Systems MP8759GD Datasheet HTML 6Page - Monolithic Power Systems MP8759GD Datasheet HTML 7Page - Monolithic Power Systems MP8759GD Datasheet HTML 8Page - Monolithic Power Systems MP8759GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MP8759
26V, 8A, Low IQ, High-Current,
Synchronous, Step-Down Converter
MP8759 Rev. 1.1
www.MonolithicPower.com
1
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8759 is a fully integrated, high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a very compact
solution that achieves 8A of continuous output
current and 10A peak output current with
excellent load and line regulation over a wide
input supply range.
The MP8759 operates with high efficiency over
a wide output-current load range based on MPS’
proprietary switching loss reduction technique
and internal low RDS(ON) power MOSFETs.
Adaptive constant-on-time (COT) control mode
provides fast transient response and eases loop
stabilization. The DC auto-tune loop provides
good load and line regulation.
Full protection features include over-current limit,
over-voltage protection (OVP), under-voltage
protection (UVP), and thermal shutdown.
The converter requires a minimum number of
external components and is available in a QFN-
12 (2mmx3mm) package.
FEATURES
 Wide 4.5V to 26V Operating Input Range
 Output Adjustable from 0.6V
 Ultrasonic Mode (USM)
 117μA Low Quiescent Current
 8A Continous Output Current
 10A Peak Output Current
 Adaptive COT for Fast Transient
 DC Auto-Tune Loop
 1% Reference Voltage
 Internal Soft Start
 Output Discharge
 700kHz Switching Frequency
 OCP, OVP, UVP (Hiccup), and Thermal
Shutdown
 Available
in
a
QFN-12
(2mmx3mm)
Package
APPLICATIONS
 Laptop Computer
 Tablet PC
 Networking Systems
 Flat-Panel Television and Monitors
 Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
50.00
55.00
60.00
65.00
70.00
75.00
80.00
85.00
90.00
95.00
0.01
0.1
1
10
100.00


Similar Part No. - MP8759GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8759GD MPS-MP8759GD Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
More results

Similar Description - MP8759GD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
Low IQ Synchronous Step-Down Controller
logo
Anpec Electronics Corop...
APW7083 ANPEC-APW7083 Datasheet
428Kb / 22P
5A, 26V, 380kHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8761 MPS-MP8761 Datasheet
880Kb / 24P
High Efficiency, 8A, 18V, Synchronous, Step-Down Converter
MP2317 MPS-MP2317 Datasheet
492Kb / 16P
26V, 1A, 600kHz, High-Efficiency, Synchronous, Step-Down Converter
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
MP8756 MPS-MP8756 Datasheet
917Kb / 22P
26V, 6A, Low IQ, High-Current, Synchronous, Step-Down Converter
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV8756-D-00A MPS-EV8756-D-00A Datasheet
975Kb / 7P
26V, 6A High Current, Low IQ Synchronous Buck Converter
EV8759-D-00A MPS-EV8759-D-00A Datasheet
473Kb / 7P
26V, 8A High Current, Low IQ Synchronous Buck Converter
EVNB679 MPS-EVNB679 Datasheet
249Kb / 5P
26V, Low Iq, High Current, Fixed 5.5V-8A Synchronous Buck Converter with 100mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com