Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8759GD Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8759GD
Description  26V, 8A, Low IQ, High-Current, Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8759GD Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8759GD Datasheet HTML 14Page - Monolithic Power Systems MP8759GD Datasheet HTML 15Page - Monolithic Power Systems MP8759GD Datasheet HTML 16Page - Monolithic Power Systems MP8759GD Datasheet HTML 17Page - Monolithic Power Systems MP8759GD Datasheet HTML 18Page - Monolithic Power Systems MP8759GD Datasheet HTML 19Page - Monolithic Power Systems MP8759GD Datasheet HTML 20Page - Monolithic Power Systems MP8759GD Datasheet HTML 21Page - Monolithic Power Systems MP8759GD Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
MP8759 – 26V, 8A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8759 Rev. 1.1
www.MonolithicPower.com
18
4/13/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Figure 10: Recommend Layout
Design Example
Table 2 is a design example following the
application guidelines for the specifications below:
Table 2: Design Example
VIN
12V
VOUT
1V
IOUT
8A
The detailed application schematic for the 1V
VOUT is shown in Figure 17. The typical
performance and waveforms are shown in the
Typical Characteristics section. For more device
applications,
please
refer
to
the
related
evaluation board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com