Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763GLE Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8763GLE
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763GLE Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8763GLE Datasheet HTML 14Page - Monolithic Power Systems MP8763GLE Datasheet HTML 15Page - Monolithic Power Systems MP8763GLE Datasheet HTML 16Page - Monolithic Power Systems MP8763GLE Datasheet HTML 17Page - Monolithic Power Systems MP8763GLE Datasheet HTML 18Page - Monolithic Power Systems MP8763GLE Datasheet HTML 19Page - Monolithic Power Systems MP8763GLE Datasheet HTML 20Page - Monolithic Power Systems MP8763GLE Datasheet HTML 21Page - Monolithic Power Systems MP8763GLE Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
18
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
R1
R2
Ceramic
SW
FB
VOUT
L
CDC
R4
C4
Figure 12: Simplified Ceramic Capacitor Circuit
with DC-Blocking Capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore,
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC-input
voltage.
Use
ceramic
capacitors
for
best
performance. During layout, place the input
capacitors as close to the IN pin as possible.
The capacitance can vary significantly with
temperature. Use capacitors with X5R and X7R
ceramic dielectrics because they are fairly stable
over a wide temperature range.
The capacitors must also have a ripple-current
rating that exceeds the converter’s maximum
input ripple current. Estimate the input ripple
current as follows:
)
V
V
1
(
V
V
I
I
IN
OUT
IN
OUT
OUT
CIN
−
×
×
=
(20)
The worst-case condition occurs at VIN = 2VOUT,
where:
2
I
I
OUT
CIN =
(21)
For simplification, choose an input capacitor with
an RMS current rating that exceeds half the
maximum load current.
The input capacitance value determines the
converter input voltage ripple. Select a capacitor
value
that
meets
the
input
voltage
ripple
requirement
Estimate the input voltage ripple as follows:
)
V
V
(
V
V
C
f
I
V
IN
OUT
IN
OUT
IN
SW
OUT
IN
−
×
×
×
=
∆
1
(22)
The worst-case condition occurs at VIN = 2VOUT,
where:
IN
SW
OUT
IN
C
f
I
V
×
×
=
∆
4
1
(23)
Output Capacitor
The output capacitor maintains the DC output
voltage. Use ceramic capacitors or POSCAPs
Estimate the output voltage ripple as:
)
C
f
R
(
)
V
V
(
L
f
V
V
OUT
SW
ESR
IN
OUT
SW
OUT
OUT
×
×
+
×
−
×
×
=
∆
8
1
1
(24)
When using ceramic capacitors, the capacitance
dominates the impendence at the switching
frequency. The capacitance also dominates the
output voltage ripple. For simplification, estimate
the output voltage ripple as:
)
V
V
(
C
L
f
V
V
IN
OUT
OUT
SW
OUT
OUT
−
×
×
×
×
=
∆
1
8
2
(25)
The ESR contributes minimally to the output
voltage ripple, thus requiring an external ramp to
stabilize the system. Design the external ramp
with R4 and C4 as per equations 5, 8, and 9.
The ESR dominates the switching-frequency
impedance for POSCAPs. The ESR ramp
voltage is high enough to stabilize the system
thus eliminating the need for an external ramp.
Select a minimum ESR value of ~12m
to
ensure stable operation. For simplification, the
output ripple can be approximated as:
ESR
IN
OUT
SW
OUT
OUT
R
)
V
V
(
L
f
V
V
×
−
×
×
=
∆
1
(26)
Inductor
The inductor supplies constant current to the
output load while being driven by the switching
input voltage. A larger value inductor results in
less ripple current and lower output ripple voltage,
but is physically larger, has a higher series
resistance, and often a lower saturation current.
Generally, select an inductor value that allows
the inductor peak-to-peak ripple current that is
30% to 40% of the maximum switch current limit.
Also, design for a peak inductor current that is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com