Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763GLE Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8763GLE
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763GLE Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8763GLE Datasheet HTML 16Page - Monolithic Power Systems MP8763GLE Datasheet HTML 17Page - Monolithic Power Systems MP8763GLE Datasheet HTML 18Page - Monolithic Power Systems MP8763GLE Datasheet HTML 19Page - Monolithic Power Systems MP8763GLE Datasheet HTML 20Page - Monolithic Power Systems MP8763GLE Datasheet HTML 21Page - Monolithic Power Systems MP8763GLE Datasheet HTML 22Page - Monolithic Power Systems MP8763GLE Datasheet HTML 23Page - Monolithic Power Systems MP8763GLE Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
22
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION
IN
FREQ
VCC
EN
P GND
BST
FB
SW
MP 8763
V
IN
C1A
R7
C5
C3
L1
R4
C4
R1
R2
R6
PG
A GND
SS
C6
33nF
10uF
C1B
uF
C1C
0.1uF
357K
R5
100K
1uF
100K
R3
4.7
1 uH
750K
220pF
12.7K
20K
R9
100
VOUT
C2A
47uF
C2B
47uF
C2C
47uF
C2D
0. 1uF
0. 1uF
C2E
0.1 uF
0.1
Figure 16: Typical Application Circuit with Low ESR Ceramic Capacitor for 1V Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com