Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763GLE Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP8763GLE
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763GLE Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP8763GLE Datasheet HTML 15Page - Monolithic Power Systems MP8763GLE Datasheet HTML 16Page - Monolithic Power Systems MP8763GLE Datasheet HTML 17Page - Monolithic Power Systems MP8763GLE Datasheet HTML 18Page - Monolithic Power Systems MP8763GLE Datasheet HTML 19Page - Monolithic Power Systems MP8763GLE Datasheet HTML 20Page - Monolithic Power Systems MP8763GLE Datasheet HTML 21Page - Monolithic Power Systems MP8763GLE Datasheet HTML 22Page - Monolithic Power Systems MP8763GLE Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP8763 — 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8763 Rev. 1.3
www.MonolithicPower.com
19
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
below
the
maximum
switch-current
limit.
Calculate the inductance value as:
)
V
V
(
I
f
V
L
IN
OUT
L
SW
OUT
−
×
∆
×
=
1
(27)
Where ∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
)
V
V
(
L
f
V
I
I
IN
OUT
SW
OUT
OUT
LP
−
×
×
×
+
=
1
2
(28)
Table 1 lists a few highly-recommended high-
efficiency inductors.
Table 1: Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(m )
Current
Rating (A)
Dimensions
L × W × H (mm
3)
Switching
Frequency
(kHz)
744325072
Wurth
0.72
1.35
35
10.2 × 10.5 × 4.7
500
FDA1055-1R5M
TOKO
1.5
2.8
24
10.6 x 10.8 x 5.5
500
744325180
Wurth
1.8
3.5
18
10.2 × 10.5 × 4.7
500
Typical Design Parameters
Tables 2 and 3 list recommended component
values for typical output voltages (1V, 2.5V, 3.3V)
and switching frequency (500kHz). Refer to
Table 2 for design cases without external ramp
compensation and Table 3 for design cases with
external ramp compensation. An external ramp is
not needed when using high-ESR capacitors,
such as electrolytics or POSCAPs. Use an
external ramp when using low-ESR capacitors,
such as ceramic capacitors. For cases not listed
in
this
datasheet,
conctact
a
local
sales
representative for an Excel spreadsheet to assist
with the calculation.
Table 2—MP8763, FSW=500kHz, VIN=12V
VOUT
(V)
L
(µH)
R1
(k )
R2
(k )
R7
(8)
(k )
1
0.72
12.7
20
357
2.5
1.5
61.9
20
825
3.3
1.8
88.7
20
1083
Table 3—MP8763, FSW=500kHz, VIN=12V
VOUT
(V)
L
(µH)
R1
(k )
R2
(k )
R4
(k )
C4
(pF)
R7
(8)
(k )
1
0.72
12.7
20
750
220
357
2.5
1.5
64.9
20
1000
220
825
3.3
1.8
93.1
20
1200
220
1083
Notes:
8) Frequency is about 500kHz at full load condition in test. RFREQ
is a little different from equation (3) due to the voltage
drop on MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com