Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8763GLE Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8763GLE
Description  High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8763GLE Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8763GLE Datasheet HTML 1Page - Monolithic Power Systems MP8763GLE Datasheet HTML 2Page - Monolithic Power Systems MP8763GLE Datasheet HTML 3Page - Monolithic Power Systems MP8763GLE Datasheet HTML 4Page - Monolithic Power Systems MP8763GLE Datasheet HTML 5Page - Monolithic Power Systems MP8763GLE Datasheet HTML 6Page - Monolithic Power Systems MP8763GLE Datasheet HTML 7Page - Monolithic Power Systems MP8763GLE Datasheet HTML 8Page - Monolithic Power Systems MP8763GLE Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MP8763
High Efficiency, 12A, 18V,
Synchronous, Step-Down Converter
MP8763 Rev. 1.3
www.MonolithicPower.com
1
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The
Future
of
Analog
IC
T
echnology
DESCRIPTION
The
MP8763
is
a
fully-integrated,
high-
frequency, synchronous, rectified, step-down,
switch-mode converter. It offers a very compact
solution to achieve a 12A output current over a
wide input-supply range with excellent load and
line regulation. The MP8763 operates at high
efficiency over a wide output-current load range.
The MP8763 uses Constant-On-Time (COT)
control mode to provide fast transient response
and ease loop stabilization.
An external resistor programs the operating
frequency
from
200kHz
to
1MHz.
The
frequency stays nearly constant as the input
supply
varies
with
the
feed-forward
compensation.
The default under voltage lockout threshold is
internally set at less than 4.1V, but a resistor
network on the enable pin can increase this
threshold. The soft start pin controls the output
voltage startup ramp. An open drain power
good signal indicates that the output is within
nominal voltage range.
It has full integrated protection features that
include
over-current
protection,
over-voltage
protection and thermal shutdown.
The MP8763 is available in a 3mm×4mm QFN
package, and requires a minimal number of
readily-available components.
FEATURES
2.5V to 18V Operating Input Range with
External 5V Bias
4.5V to 18V Operating Input Range with
Internal Bias
12A Output Current
Low RDS(ON) Internal Power MOSFETs
Proprietary Switching-Loss-Reduction
Technique
Adaptive COT for Ultrafast Transient
Response
1% Reference Voltage Over Junction
Temperature Range (0°C to +125°C)
Programmable Soft-Start Time
Pre-Bias Start-Up
Programmable Switching Frequency from
200kHz to 1MHz
Non-Latch OCP, OVP, and Thermal
Shutdown
Output Adjustable from 0.611V to 13V
APPLICATIONS
Set-Top Boxes
XDSL Modem/DSLAM
Small-Cell Base Stations
Personal Video Recorders
Flat-Panel Televisions and Monitors
Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100


Similar Part No. - MP8763GLE

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MP8763-2 FAIRVIEW-MP8763-2 Datasheet
154Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 1.75 in" (44.5)
REV A
logo
Monolithic Power System...
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
MP8763DGL MPS-MP8763DGL Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
MP8763DGL MPS-MP8763DGL Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
More results

Similar Description - MP8763GLE

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
High Efficiency, 20A, 18V Synchronous, Step-Down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8758 MPS-MP8758 Datasheet
867Kb / 21P
High Efficiency, 10A, 18V Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
MP8764 MPS-MP8764 Datasheet
1Mb / 23P
High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com