Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8764
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8764 Datasheet HTML 1Page - Monolithic Power Systems MP8764 Datasheet HTML 2Page - Monolithic Power Systems MP8764 Datasheet HTML 3Page - Monolithic Power Systems MP8764 Datasheet HTML 4Page - Monolithic Power Systems MP8764 Datasheet HTML 5Page - Monolithic Power Systems MP8764 Datasheet HTML 6Page - Monolithic Power Systems MP8764 Datasheet HTML 7Page - Monolithic Power Systems MP8764 Datasheet HTML 8Page - Monolithic Power Systems MP8764 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
3
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = +25°°°°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
IIN
VEN = 0V
0
1
µ
A
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 1V
760
860
960
µ
A
MOSFET
High-side Switch On Resistance
HSRDS-ON
TJ =25°C
21
m
Low-side Switch On Resistance
LSRDS-ON
TJ =25°C
7
m
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or 12V
0
1
µ
A
Current Limit
Low-side Valley Current Limit
(6)
ILIMIT_VALLEY
12
A
Low-side Negative Current Limit
(6)
ILIMIT_NEGATIVE
-4
-2.5
-1
A
Timer
Minimum On Time
(6)
TON_MIN
30
ns
One-Shot On Time
TON
RFREQ=453k , VOUT=1.2V
250
ns
Minimum Off Time
(6)
TOFF_MIN
180
ns
Over-voltage and Under-voltage Protection
OVP Latch Threshold
(6)
VOVP_LATCH
130%
VFB
OVP Non-latch Threshold
VOVP_NON-
LATCH
117%
120%
123%
VFB
OVP Delay
TOVP
2
µ
s
UVP Threshold
(6)
VUVP
50%
VFB
Reference And Soft Start
Reference Voltage
VREF
TJ = -40°C to +125°C
(7)
602
611
620
mV
TJ = +25°C
605
611
617
Feedback Current
IFB
VFB = 650mV
50
100
nA
Soft Start Charging Current
ISS
VSS=0V
16
20
25
µ
A
Enable And UVLO
Enable Input Low Voltage
VILEN
1.1
1.3
1.5
V
Enable Hysteresis
VEN-HYS
250
mV
Enable Input Current
IEN
VEN = 2V
0
µ
A
VEN = 0V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com