Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8764
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8764 Datasheet HTML 10Page - Monolithic Power Systems MP8764 Datasheet HTML 11Page - Monolithic Power Systems MP8764 Datasheet HTML 12Page - Monolithic Power Systems MP8764 Datasheet HTML 13Page - Monolithic Power Systems MP8764 Datasheet HTML 14Page - Monolithic Power Systems MP8764 Datasheet HTML 15Page - Monolithic Power Systems MP8764 Datasheet HTML 16Page - Monolithic Power Systems MP8764 Datasheet HTML 17Page - Monolithic Power Systems MP8764 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
14
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
information section for design steps with large
ESR capacitors.
R1
R2
ESR
POSCAP
SW
VOUT
L
FB
Figure 6—Simplified Circuit in PWM Mode
without External Ramp Compensation
To realize the stability when no external ramp is
applied, usually the ESR value should be chosen
as follow:
OUT
ON
SW
ESR
C
2
T
7
.
0
T
R
+
π
×
≥
(4)
Where TSW is the switching period.
Ramp with Small ESR Capacitor
When the output capacitors are ceramic ones,
the ESR ripple is not high enough to stabilize the
system, and external ramp compensation is
needed. Skip to application information section
for design steps with small ESR caps.
R1
R2
Ceramic
SW
FB
VOUT
L
R4
C4
IR4
IC4
IFB
R9
Figure 7—Simplified Circuit in PWM Mode
with External Ramp Compensation
In PWM mode, an equivalent circuit with HS-FET
off
and
the
use
of
an
external
ramp
compensation circuit (R4, C4) is simplified in
Figure 7. The external ramp is derived from the
inductor ripple current. If one chooses C4, R9,
R1 and R2 to meet the following condition:
+
+
×
×
<
×
×
π
9
R
2
R
1
R
2
R
1
R
5
1
4
C
F
2
1
SW
(5)
Where:
4
C
FB
4
C
4
R
I
I
I
I
≈
+
=
(6)
And the ramp on the VFB can then be estimated
as:
+
×
×
×
−
=
9
R
2
R
//
1
R
2
R
//
1
R
T
4
C
4
R
V
V
V
ON
OUT
IN
RAMP
(7)
The downward slope of the VFB ripple then
follows:
4
C
4
R
V
T
V
V
OUT
OFF
RAMP
1
SLOPE
×
−
=
=
(8)
As can be seen from equation 8, if there is
instability in PWM mode, we can reduce either
R4 or C4. If C4 can not be reduced further due to
limitation from equation 5, then we can only
reduce R4. For a stable PWM operation, the
Vslope1 should be design follow equation 9.
SW
ON
3
ESR
OUT
OUT
SLOPE1
OUT
OUT
SW
ON
T
T
R
C
I
10
0.7
2
V
V
2 L C
T
T
−
+
−
×
×
× π
−
≥
×
+
× ×
−
(9)
Where IOUT is the load current.
In skip mode, the downward slope of the VFB
ripple is almost same whether the external ramp
is used or not. Fig.8 shows the simplified circuit
of the skip mode when both the HS-FET and LS-
FET are off.
R1
R2
COUT
FB
VOUT
ROUT
Figure 8—Simplified Circuit in skip Mode
The downward slope of the VFB ripple in skip
mode can be determined as follows:
OUT
OUT
REF
2
SLOPE
C
]
R
//
)
2
R
1
R
[(
V
V
×
+
−
=
(10)
Where ROUT is the equivalent load resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com