Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8764
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8764 Datasheet HTML 9Page - Monolithic Power Systems MP8764 Datasheet HTML 10Page - Monolithic Power Systems MP8764 Datasheet HTML 11Page - Monolithic Power Systems MP8764 Datasheet HTML 12Page - Monolithic Power Systems MP8764 Datasheet HTML 13Page - Monolithic Power Systems MP8764 Datasheet HTML 14Page - Monolithic Power Systems MP8764 Datasheet HTML 15Page - Monolithic Power Systems MP8764 Datasheet HTML 16Page - Monolithic Power Systems MP8764 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
13
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
As the output current increases from the light
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned ON more frequently.
Hence,
the
switching
frequency
increases
correspondingly. The output current reaches the
critical level when the current modulator time is
zero. The critical level of the output current is
determined as follows:
IN
SW
OUT
OUT
IN
OUT
V
F
L
2
V
)
V
V
(
I
×
×
×
×
−
=
(2)
Where FSW is the switching frequency.
It turns into PWM mode once the output current
exceeds the critical level. After that, the switching
frequency stays fairly constant over the output
current range.
Switching Frequency
The selection of switching frequency is a tradeoff
between efficiency and component size. Low
frequency operation
increases
efficiency by
reducing MOSFET switching losses, but requires
larger inductance and capacitance to maintain
low output voltage ripple.
For MP8764
, the on time can be set using
FREQ pin, then the frequency is set in steady
state operation at CCM mode.
Adaptive constant-on-time (COT) control is used
in MP8764 and there is no dedicated oscillator in
the IC. Connect FREQ pin to IN pin through
resistor RFREQ and the input voltage is feed-
forwarded to the one-shot on-time timer through
the
resistor
RFREQ. When in steady state
operation at CCM, the duty ratio is kept as
VOUT/VIN. Hence the switching frequency is fairly
constant over the input voltage range. The
switching frequency can be set as follows:
)
(
)
(
)
(
4
.
0
)
(
)
(
1
.
6
10
)
(
6
ns
T
V
V
V
V
V
V
k
R
kHz
F
DELAY
OUT
IN
IN
FREQ
SW
+
×
−
Ω
×
=
(3)
Where TDELAY is the comparator delay. It’s about
5ns. After adding load, the frequency may be
affected a little because power MOSFET voltage
drop will affect the duty cycle.
Generally, the MP8764 is set for 200kHz to
1MHz application. It is optimized to operate at
high switching frequency with high efficiency.
High switching frequency makes it possible to
utilize small sized LC filter components to save
system PCB space.
Jitter and FB Ramp Slope
Figure 4 and Figure 5 show jitter occurring in
both PWM mode and skip mode. When there is
noise in the VFB downward slope, the ON time of
HS-FET deviates from its intended location and
produces jitter. It is necessary to understand that
there is a relationship between a system’s
stability and the steepness of the VFB ripple’s
downward slope. The slope steepness of the VFB
ripple
dominates
in
noise
immunity.
The
magnitude of the VFB ripple doesn’t affect the
noise immunity directly.
Figure 4—Jitter in PWM Mode
Figure 5—Jitter in Skip Mode
Ramp with Large ESR Capacitor
In the case of POSCAP or other types of
capacitor with lager ESR is applied as output
capacitor, the ESR ripple dominates the output
ripple, and the slope on the FB is quite ESR
related. Figure 6 shows an equivalent circuit in
PWM mode with the HS-FET off and without an
external
ramp
circuit.
Turn
to
application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com