Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8764 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8764
Description  High Efficiency, 12A, 18V Synchronous Step-Down Converter with Latch-off OCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8764 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8764 Datasheet HTML 1Page - Monolithic Power Systems MP8764 Datasheet HTML 2Page - Monolithic Power Systems MP8764 Datasheet HTML 3Page - Monolithic Power Systems MP8764 Datasheet HTML 4Page - Monolithic Power Systems MP8764 Datasheet HTML 5Page - Monolithic Power Systems MP8764 Datasheet HTML 6Page - Monolithic Power Systems MP8764 Datasheet HTML 7Page - Monolithic Power Systems MP8764 Datasheet HTML 8Page - Monolithic Power Systems MP8764 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP8764 ― 12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER WITH LATCH-OFF OCP
MP8764 Rev. 1.2
www.MonolithicPower.com
5
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
PIN#
16-Pin
QFN
Name
Description
1
EN
Enable pin. EN is a digital input that turns the regulator on or off. Drive EN high to
turn on the regulator, drive it low to turn it off. Connect EN to IN through a pull-up
resistor or a resistive voltage divider for automatic startup. Do not float this pin. See
Enable Control section for more details.
2
FREQ
Frequency set during CCM operation. A resistor connected between FREQ and IN is
required to set the switching frequency. The ON time is determined by the input
voltage and the resistor connected to the FREQ pin. IN connect through a resistor is
used for line feed-forward and makes the frequency basically constant during input
voltage’s variation.
3
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin,
sets the output voltage. It is recommended to place the resistor divider as close to FB
pin as possible. Vias should be avoided on the FB traces.
4
SS
Soft Start. Connect an external capacitor to program the soft start time for the switch
mode regulator.
5
AGND
Analog ground. Select this pin as the control circuit reference point.
6
PG
Power good output, the output of this pin is an open drain signal and a pull-up
resistor connected to a DC voltage is required to indicate high if the output voltage is
higher than 97% of the nominal voltage. There is a delay from FB ≥ 97% to PG goes
high.
7
VCC
Internal 4.8V LDO output. The driver and control circuits are powered from this
voltage. Decouple with a minimum 1µF ceramic capacitor as close to the pin as
possible. X7R or X5R grade dielectric ceramic capacitors are recommended for their
stable temperature characteristics.
8
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
9, 14
IN
Supply Voltage. The IN pin supplies power for internal MOSFET and regulator. The
MP8764 operates from a +2.5V to +18V input rail with 5V external bias and a +4.5V
to +18V input rail with internal bias. An input capacitor is needed to decouple the
input rail. Use wide PCB traces and multiple vias to make the connection.
10,11,12,1
3
PGND
System Ground. This pin is the reference ground of the regulated output voltage. For
this reason care must be taken in PCB layout. Use wide PCB traces to make the
connection.
15, 16
SW
Switch Output. Connect this pin to the inductor and bootstrap capacitor. This pin is
driven up to the VIN voltage by the high-side switch during the on-time of the PWM
duty cycle. The inductor current drives the SW pin negative during the off-time. The
on-resistance of the low-side switch and the internal Schottky diode fixes the
negative voltage. Use wide PCB traces to make the connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com