Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8765 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8765 Datasheet HTML 1Page - Monolithic Power Systems MP8765 Datasheet HTML 2Page - Monolithic Power Systems MP8765 Datasheet HTML 3Page - Monolithic Power Systems MP8765 Datasheet HTML 4Page - Monolithic Power Systems MP8765 Datasheet HTML 5Page - Monolithic Power Systems MP8765 Datasheet HTML 6Page - Monolithic Power Systems MP8765 Datasheet HTML 7Page - Monolithic Power Systems MP8765 Datasheet HTML 8Page - Monolithic Power Systems MP8765 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP8765
24V, 6A High Efficiency
Synchronous Step-down Converter
MP8765 Rev. 1.01
www.MonolithicPower.com
1
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8765 is a fully integrated high frequency
synchronous rectified step-down switch mode
converter. It offers very compact solutions to
achieve 6A continuous output current over a
wide input supply range with excellent load and
line regulation. The MP8765 operates at high
efficiency over a wide output current load range.
Constant-On-Time
(COT)
control
mode
provides fast transient response and eases loop
stabilization.
Under voltage lockout is internally set as 4.6 V,
An open drain power good signal indicates the
output is within its nominal voltage range.
Full protection features include OCP and thermal
shut down.
The converter requires minimum number of
external components and is available in QFN16
(3mmx3mm) package.
FEATURES
• Wide 5V to 24V Operating Input Range
• 6A Continuous Output Current
• PFM/PWM Mode Selectable
• Low RDS(ON) Internal Power MOSFETs
• Proprietary
Switching
Loss
Reduction
Technique
• 1% Reference Voltage
• 7ms Internal Soft Start
• Output Discharge
• 500kHz Switching Frequency
• Hiccup OCP Protection and Thermal
Shutdown
• Auto Retry OVP Protection
• Output Adjustable from 0.604V to 5.5V
APPLICATIONS
•
Laptop Computer
•
Tablet PC
•
Networking Systems
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8765

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8765GQ MPS-MP8765GQ Datasheet
663Kb / 9P
24V, High Current Synchronous Step-down Converter Evaluation Board
More results

Similar Description - MP8765

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8073 RICHTEK-RT8073 Datasheet
289Kb / 16P
6A, 2MHz, High Efficiency Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP2325 MPS-MP2325 Datasheet
1Mb / 17P
High Efficiency 3A, 24V, 500kHz Synchronous Step-Down Converter
MP92325 MPS-MP92325 Datasheet
725Kb / 16P
24V, 3A, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2312 MPS-MP2312 Datasheet
665Kb / 20P
24V, 2.1A High Efficiency Synchronous Step-down Converter
MP2313 MPS-MP2313 Datasheet
837Kb / 19P
High Efficiency 1A, 24V, 2MHz Synchronous Step Down Converter
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
logo
ACE Technology Co., LTD...
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
ACE72241Y ACE-ACE72241Y Datasheet
198Kb / 3P
High-Efficiency 3A, 24V Input Synchronous Step Down Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com