Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8765 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8765 Datasheet HTML 7Page - Monolithic Power Systems MP8765 Datasheet HTML 8Page - Monolithic Power Systems MP8765 Datasheet HTML 9Page - Monolithic Power Systems MP8765 Datasheet HTML 10Page - Monolithic Power Systems MP8765 Datasheet HTML 11Page - Monolithic Power Systems MP8765 Datasheet HTML 12Page - Monolithic Power Systems MP8765 Datasheet HTML 13Page - Monolithic Power Systems MP8765 Datasheet HTML 14Page - Monolithic Power Systems MP8765 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
11
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
PWM Operation
The MP8765 is fully integrated synchronous
rectified step-down switch mode converter.
Constant-on-time (COT) control is employed to
provide fast transient response and easy loop
stabilization. At the beginning of each cycle, the
high-side MOSFET (HS-FET) is turned ON when
the feedback voltage (VFB) is below the
reference voltage (VREF), which indicates
insufficient output voltage. The ON period is
determined by both the output voltage and input
voltage to make the switching frequency fairy
constant over input voltage range.
After the ON period elapses, the HS-FET is
turned off, or becomes OFF state. It is turned ON
again when VFB drops below VREF. By
repeating operation this way, the converter
regulates the output voltage. The integrated low-
side MOSFET (LS-FET) is turned on when the
HS-FET is in its OFF state to minimize the
conduction loss. There will be a dead short
between input and GND if both HS-FET and LS-
FET are turned on at the same time. It’s called
shoot-through. In order to avoid shoot-through, a
dead-time (DT) is internally generated between
HS-FET off and LS-FET on, or LS-FET off and
HS-FET on.
An internal compensation is applied for COT
control to make a more stable operation even
when ceramic capacitors are used as output
capacitors, this internal compensation will then
improve the jitter performance without affect the
line or load regulation.
Heavy-Load Operation
Figure 2—Heavy Load Operation
When the output current is high and the inductor
current is always above zero amps, it is called
continuous-conduction-mode (CCM). The CCM
mode operation is shown in Figure 2 shown.
When VFB is below VREF, HS-MOSFET is turned
on for a fixed interval which is determined by
one-shot on-timer. When the HS-MOSFET is
turned off, the LS-MOSFET is turned on until
next period.
In CCM mode operation, the switching frequency
is fairly constant and it is called PWM mode.
Light-Load Operation
With the load decrease, the inductor current
decrease too. Once the inductor current touch
zero, the operation is transition from continuous-
conduction-mode
(CCM)
to
discontinuous-
conduction-mode (DCM).
The light load operation is shown in Figure 3.
When VFB is below VREF, HS-MOSFET is turned
on for a fixed interval which is determined by
one-shot on-timer. When the HS-MOSFET is
turned off, the LS-MOSFET is turned on until the
inductor current reaches zero. In DCM operation,
the VFB does not reach VREF when the inductor
current is approaching zero. The LS-FET driver
turns into tri-state (high Z) whenever the inductor
current reaches zero. A current modulator takes
over the control of LS-FET and limits the inductor
current to less than -1mA. Hence, the output
capacitors discharge slowly to GND through LS-
FET. As a result, the efficiency at light load
condition is greatly improved. At light load
condition, the HS-FET is not turned ON as
frequently as at heavy load condition. This is
called skip mode.
At light load or no load condition, the output
drops very slowly and the MP8765 reduces the
switching frequency naturally and then high
efficiency is achieved at light load.
Figure 3—Light Load Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com