Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8765 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP8765 Datasheet HTML 9Page - Monolithic Power Systems MP8765 Datasheet HTML 10Page - Monolithic Power Systems MP8765 Datasheet HTML 11Page - Monolithic Power Systems MP8765 Datasheet HTML 12Page - Monolithic Power Systems MP8765 Datasheet HTML 13Page - Monolithic Power Systems MP8765 Datasheet HTML 14Page - Monolithic Power Systems MP8765 Datasheet HTML 15Page - Monolithic Power Systems MP8765 Datasheet HTML 16Page - Monolithic Power Systems MP8765 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
13
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
When using a large-ESR capacitor on the output,
add a ceramic capacitor with a value of 10uF or
less to in parallel to minimize the effect of ESL.
Operating with external ramp compensation
The MP8765 is usually able to support ceramic
output capacitors without external ramp, however,
in some of the cases, the internal ramp may not
be enough to stabilize the system, and external
ramp
compensation
is
needed.
Skip
to
application information section for design steps
with external ramp compensation.
R1
R2
Ceramic
SW
FB
Vo
L
R4
C4
IR4
IC4
I FB
R9
Figure 7—Simplified Circuit in PWM Mode
with External Ramp Compensation
Figure 7 shows a simplified external ramp
compensation (R4 and C4) for PWM mode, with
HS-FET off. Chose R1, R2, R9 and C4 of the
external ramp to meet the following condition:
12
9
SW
4
1
2
RR
11
R
2F
C
5
R
R
⎛⎞
×
<×
+
⎜⎟
π×
×
+
⎝⎠
(3)
Where:
R4
C4
FB
C4
II
I
I
=+
≈
(4)
And the Vramp on the VFB can then be estimated
as:
IN
OUT
12
RAMP
ON
44
1
2
9
VV
R// R
VT
RC
R // R
R
−
=×
×
×+
(5)
The downward slope of the VFB ripple then
follows
−
−
==
×
OUT
RAMP
SLOPE1
off
4
4
V
V
V
TR
C
(6)
As can be seen from equation 6, if there is
instability in PWM mode, we can reduce either
R4 or C4. If C4 can not be reduced further due to
limitation from equation 3, then we can only
reduce R4. For a stable PWM operation, the
Vslope1 should be design follow equation 7.
SW
ON
-3
ESR
OUT
slope1
OUT
OUT
SW
on
TT
+-R
C
Io 10
0.7 π
2
-V
V
+
2L C
T -T
×
×
≥
××
(7)
Io is the load current.
In skip mode, the downward slope of the VFB
ripple is the same whether the external ramp is
used or not. Figure 8 shows the simplified circuit
of the skip mode when both the HS-FET and LS-
FET are off.
R1
R2
ESR
Cout
FB
Vo
Ro
Figure 8—Simplified Circuit in skip Mode
The downward slope of the VFB ripple in skip
mode can be determined as follow:
()
REF
SLOPE2
12
OUT
V
V
(R
R //Ro) C
−
=
+×
(8)
Where Ro is the equivalent load resistor.
As described in Figure 5, VSLOPE2 in the skip
mode is lower than that is in the PWM mode, so
it is reasonable that the jitter in the skip mode is
larger. If one wants a system with less jitter
during light load condition, the values of the VFB
resistors should not be too big, however, that will
decrease the light load efficiency.
Configuring the EN Control
EN is used to enable or disable the whole chip.
Pull En high to turn on the regulator and pull EN
low to turn it off. Do not float the pin.
For automatic start-up the EN pin can be pulled
up to input voltage through a resistive voltage
divider. Choose the values of the pull-up resistor
(Rup from Vin pin to EN pin) and the pull-down
resistor (Rdown from EN pin to GND) to
determine the automatic start-up voltage:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com