Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8765 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP8765
Description  24V, 6A High Efficiency Synchronous Step-down Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8765 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP8765 Datasheet HTML 8Page - Monolithic Power Systems MP8765 Datasheet HTML 9Page - Monolithic Power Systems MP8765 Datasheet HTML 10Page - Monolithic Power Systems MP8765 Datasheet HTML 11Page - Monolithic Power Systems MP8765 Datasheet HTML 12Page - Monolithic Power Systems MP8765 Datasheet HTML 13Page - Monolithic Power Systems MP8765 Datasheet HTML 14Page - Monolithic Power Systems MP8765 Datasheet HTML 15Page - Monolithic Power Systems MP8765 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP8765 ─ 24V, HIGH CURRENT SYNCHRONOUS STEP-DOWN CONVERTER
MP8765 Rev. 1.01
www.MonolithicPower.com
12
2/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
As the output current increases from the light
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned ON more frequently.
Hence,
the
switching
frequency
increases
correspondingly. The output current reaches the
critical level when the current modulator time is
zero. The critical level of the output current is
determined as follows:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V
−×
=
××
×
(1)
It turns into PWM mode once the output current
exceeds the critical level. After that, the switching
frequency stays fairly constant over the output
current range.
PFM/PWM Mode Selection
The MP8765 has a MODE pin which provides
selectable operation mode for light load. Floating
the MODE pin or pulling it higher than 2V will set
MP8765 always work at force PWM mode.
Connecting MODE pin to ground enables PFM
(Pulse Frequency Modulation) mode at light load
condition. MP8765 skips some pulses for PFM
mode and achieves the light load power save.
Jitter and FB Ramp Slope
Jitter occurs in both PWM and skip modes when
noise in the VFB ripple propagates a delay to the
HS-FET driver, as shown in Figures 4 and 5.
Jitter can affect system stability, with noise
immunity proportional to the steepness of VFB’s
downward slope. However, VFB ripple does not
directly affect noise immunity.
V
RE F
V
FB
HS D river
VNOISE
J itter
V
S L O PE1
Figure 4—Jitter in PWM Mode
V
FB
HS D river
Jitter
V
REF
V
SL O P E 2
VNOISE
Figure 5—Jitter in Skip Mode
Operating without external ramp
The traditional constant-on-time control scheme
is intrinsically unstable if output capacitor’s ESR
is not large enough as an effective current-sense
resistor. Ceramic capacitors usually can not be
used as output capacitor.
To realize the stability, the ESR value should be
chosen as follow:
SW
ON
ESR
OUT
TT
0.7
2
R
C
+
×π
≥
(2)
TSW is the switching period.
The MP8765 has built in internal ramp
compensation to make sure the system is stable
even without the help of output capacitor’s ESR;
and thus the pure ceramic capacitor solution can
be applicant. The pure ceramic capacitor solution
can significantly reduce the output ripple, total
BOM cost and the board area.
Figure 6 shows a typical output circuit in PWM
mode without an external ramp circuit. Turn to
application information section for design steps
without external compensation.
R1
R2
ESR
CAP
SW
FB
Vo
L
Figure 6—Simplified Circuit in PWM Mode
without External Ramp Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com