Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP110 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP110 Datasheet HTML 12Page - Monolithic Power Systems MP110 Datasheet HTML 13Page - Monolithic Power Systems MP110 Datasheet HTML 14Page - Monolithic Power Systems MP110 Datasheet HTML 15Page - Monolithic Power Systems MP110 Datasheet HTML 16Page - Monolithic Power Systems MP110 Datasheet HTML 17Page - Monolithic Power Systems MP110 Datasheet HTML 18Page - Monolithic Power Systems MP110 Datasheet HTML 19Page - Monolithic Power Systems MP110 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
reduce RMS current but increase transformer
size. For 5W application, an optimal KP value is
usually between 0.8 and 1 for the universal input
range and 1 for a 230VAC input range.
Iripple
Ipeak
KP=Iripple/Ipeak
Iav
Ivalley
Figure 8: Typical Primary-Current Waveform
For CCM at minimum input, the converter duty
cycle is:
OF
O
F
DC(min)
(V
V ) N
D
(V
V ) N
V
+×
=
+
×+
Where:
VF is the secondary diode’s forward voltage,
N is the transformer turns ratio.
The MOSFET turn-on time is
ON
S
D
T
f
=
fS is operating frequency.
The input average current, ripple current, peak
current and valley current of the primary side are
described as follows:
in
AV
DC(min)
P
I
V
=
ripple
P
peak
I
KI
=
×
AV
peak
P
I
I
K
(1
) D
2
=
−×
valley
P
peak
I
(1 K ) I
= −
×
The following equation estimates Lm as
DC(min)
ON
m
ripple
VT
L
I
×
=
Current-Sense Resistor
VCS
SRamp×TON
TON
Ipeak×Rsense
Figure 9: Slope Compensation waveform
Figure
9
shows
the
slope
compensation
waveform. When the sum of the sense resistor
voltage and the slope compensation voltage
reaches the peak current limit VCS, MP110 turns
off the internal MOSFET. The maximum peak
current limit is 0.96V (VCS, typical value) and the
slope
compensation slew rate is
40mV/us.
Considering the margin, use 0.95×VCS as the
peak current limit at full load. The voltage on
sense resistor is given by the following equation: .
sense
CS
Ramp
ON
V
0.95 V
S
T
=
×−
×
So the value of the sense resistor is
sense
sense
peak
V
R
I
=
Select the current sense resistor with appropriate
power rating based on the power loss:
(
)
2
2
peak
valley
sense
peak
valley
sense
II
1
P
I
I
DR
2
12
+

=
+
×
−
××


PRO pin
Extra protection can be enable thru the MP110
PRO pin. A typical input over-voltage protection
circuitry is shown in figure 10.
MP110 Rev. 1.01
www.MonolithicPower.com
16
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com