Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP110 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP110 Datasheet HTML 1Page - Monolithic Power Systems MP110 Datasheet HTML 2Page - Monolithic Power Systems MP110 Datasheet HTML 3Page - Monolithic Power Systems MP110 Datasheet HTML 4Page - Monolithic Power Systems MP110 Datasheet HTML 5Page - Monolithic Power Systems MP110 Datasheet HTML 6Page - Monolithic Power Systems MP110 Datasheet HTML 7Page - Monolithic Power Systems MP110 Datasheet HTML 8Page - Monolithic Power Systems MP110 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP110
900V Offline Switching Regulator
DESCRIPTION
The MP110 is a flyback regulator with an
integrated 900V MOSFET. Requiring a minimum
number of external components, the MP110
provides excellent power regulation in AC-DC
applications that require high reliability. These
applications
include
smart
meters,
large
appliances,
industrial
controls
and
products
powered by unstable AC grids.
The regulator uses peak current mode control to
provide excellent transient response and easy
loop compensation. When the output power falls
below a given level, the regulator enters burst
mode to lower the stand-by power consumption.
The MPS proprietary 900V monolithic process
enables an over temperature protection (OTP)
that is on the same silicon of the 900V power
FET, offering the most precise thermal protection.
It also offers a full suite of protection features
such as VCC under-voltage lockout, over-load
protection, over-voltage protection, and short-
circuit protection.
The
MP110
is
designed
to
minimize
electromagnetic
interference
for
wireless
communication in home and building automation
applications.
The
operating
frequency
is
externally programmed with a single resistor so
that the power supply’s radiated energy can be
designed to avoid the interference to wireless
communication.
In addition to the programmable frequency, the
MP110 employs a frequency jittering function that
not only greatly reduces the noise level, but also
reduces the cost of EMI filter.
The MP110 is available in the PDIP8-7EP
package.
FEATURES
• Internal Integrated 900V MOSFET
• Programmable switching frequency up to
300kHz
• Frequency jittering
• Current-mode operation
• Internal high voltage current source
• Low standby power consumption via active
burst mode
• Internal leading-edge blanking
• Built-in soft-start function
• Internal slope compensation
• Built-in PRO pin pull-up auto restart function
• Over-Temperature Protection (OTP)
• V
CC under-voltage lockout with hysteresis
• Over-Voltage Protection on V
CC
• Time-based overload protection
• Short-Circuit Protection (SCP)
APPLICATIONS
• Smart Power Meters
• Large Appliances
• Industrial Controls
• All AC-DC supplies sold where power grid
may be unstable
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
MP110 Rev. 1.01
www.MonolithicPower.com
1
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.


Similar Part No. - MP110

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP110 CTS-MP110 Datasheet
133Kb / 5P
Quartz Crystal
logo
M-System Co.,Ltd.
MP1100-1-FH MSYSTEM-MP1100-1-FH Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
MP1100-1-FR MSYSTEM-MP1100-1-FR Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
MP1100-1-FT MSYSTEM-MP1100-1-FT Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
MP1100-1-FV MSYSTEM-MP1100-1-FV Datasheet
87Kb / 4P
DC INPUT LIMIT ALARM
More results

Similar Description - MP110

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7076 NTE-NTE7076 Datasheet
22Kb / 2P
Integrated Circuit Module - 100W Offline Switching Regulator
logo
Sanyo Semicon Device
STK7406 SANYO-STK7406 Datasheet
131Kb / 2P
Thick Film Hybrid IC Offline Switching Regulator
logo
Linear Technology
LT1103 LINER-LT1103 Datasheet
452Kb / 32P
Offline Switching Regulator
logo
Sanyo Semicon Device
STK73605I SANYO-STK73605I Datasheet
72Kb / 2P
OFFLINE SWITCHING
STK7458 SANYO-STK7458 Datasheet
180Kb / 5P
OFFLINE SWITCHING
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
logo
Linear Technology
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
Offline Switching Regulator
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
Offline Switching Regulator
logo
Monolithic Power System...
HF900 MPS-HF900 Datasheet
790Kb / 25P
900V Offline Switching Regulator
HF920 MPS-HF920 Datasheet
1Mb / 26P
900V, Fixed-Frequency, Offline Regulator w/ Ultra-Low Standby Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com