Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP110 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP110 Datasheet HTML 9Page - Monolithic Power Systems MP110 Datasheet HTML 10Page - Monolithic Power Systems MP110 Datasheet HTML 11Page - Monolithic Power Systems MP110 Datasheet HTML 12Page - Monolithic Power Systems MP110 Datasheet HTML 13Page - Monolithic Power Systems MP110 Datasheet HTML 14Page - Monolithic Power Systems MP110 Datasheet HTML 15Page - Monolithic Power Systems MP110 Datasheet HTML 16Page - Monolithic Power Systems MP110 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
Over Load Protection (OLP)
MP110 shuts when the power supply undergoes
an overload. OLP is achieved by continuously
monitoring the FB voltage. A fault signal is
triggered when FB pulls up to 3.8V (VOLP, typical
value) and after 82ms delay (8192 switching
cycle, fS=100kHz), if the fault signal is still
present, MP110 shuts down. When the fault
disappears, the power supply resumes operation.
The OLP delay time can be attained below.
Delay
S
82ms 100kHz
T
f
×
=
Short Circuit Protection (SCP)
By monitoring the CS Pin, MP110 shuts down
when the voltage rises higher than 1.42V (VSC,
typical value) to indicate a short circuit. The
MP110 enters a safe low-power mode that
prevents any thermal damage or stress damage.
As soon as the fault disappears, the power
supply resumes operation.
Thermal shutdown (OTP)
When the junction temperature of the IC exceeds
150℃,
the
over
temperature
protection
is
activated and stops output driver switching to
prevent MP110 from any thermal damage. As
soon as the junction temperature drops below
120℃, the regulator resumes operation. During
the protection period, the regulator enters auto-
recovery mode. The VCC voltage is discharged
to VCCR and is re-charged to VCCH by the internal
high voltage current source.
Burst Operation
To minimize stand-by power consumption, the
MP110 implement burst mode at no load and
light load. As the load decreases, the FB voltage
decreases. The IC stops switching when the FB
voltage drops below 0.5V (VBRUL, typical value).
As the load power increases, the output voltage
drops at a rate dependent on the load. This
causes the FB voltage to rise again due to the
negative feedback control loop. Once the FB
voltage exceeds 0.7V (VBRUH, typical value), the
switching pulse resumes. The FB voltage then
decreases and the whole process repeats. Burst-
mode operation alternately enables and disables
the switching pulse of the MOSFET. Hence
switching loss at no load and light load conditions
is greatly reduced. Figure 4 shows the burst
mode operation of MP110.
VFB
VDS
0.7V
0.5V
Figure 4: Burst Mode Operation
PRO Pin
The PRO pin provides extra protection against
abnormal conditions. Use the PRO pin for input
OVP or other protections (input UVP, over-
temperature protection for key component and so
on). If the PRO pin voltage exceeds 3.1V (VPRO,
typical value), the IC shuts down to enter auto-
recovery mode. As soon as the fault disappears,
the power supply resumes operation.
Peak Current Limit
In normal operation, the primary peak current is
sensed by a sensing resistor between the Source
pin and Ground. The turn-off threshold of the
MOSFET is set by FB voltage, VSense=VFB/Idiv.
When the sensing resistor voltage reaches the
VSense, the MOSFET turns off. The Idiv is the FB to
current-set-point division ratio.
During over-load condition, the primary peak
current threshold is internally limited to the
maximum value 0.96V (VCS, typical value) even if
VFB voltage exceeds 3.2V to avoid excessive
output power and lower the switch voltage rating.
During start-up period, the primary peak current
threshold internally increases to the maximum
current set point VCS gradually.
Leading Edge Blanking
In order to avoid turning off the MOSFET from
mis-trigger spikes shortly after the switch turns
MP110 Rev. 1.01
www.MonolithicPower.com
13
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com