Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP110 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP110 Datasheet HTML 1Page - Monolithic Power Systems MP110 Datasheet HTML 2Page - Monolithic Power Systems MP110 Datasheet HTML 3Page - Monolithic Power Systems MP110 Datasheet HTML 4Page - Monolithic Power Systems MP110 Datasheet HTML 5Page - Monolithic Power Systems MP110 Datasheet HTML 6Page - Monolithic Power Systems MP110 Datasheet HTML 7Page - Monolithic Power Systems MP110 Datasheet HTML 8Page - Monolithic Power Systems MP110 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
ELECTRICAL CHARACTERISTICS
VCC =12V, TJ=-40°C~125°C, Min & Max are guaranteed by characterization, typical is tested under
25°C, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Start-up Current Source (Pin Drain)
Supply Current from Drain
ICharge
VCC =6V;
VDrain=400V
1.5
2
2.9
mA
Leakage Current from Drain
ILeak
VCC =13V;
VDrain=400V
15
30
μA
Break-Down Voltage
V(BR)DSS
Ileakage
=100μA
900
V
On-State Resistance
RDS(ON)
VCC =10V;
IDrain=100mA;
TJ=25℃
13
17
Ω
TJ=125℃
22
26
Ω
Supply Voltage Management (Pin VCC)
VCC Upper Level at which the
IC Switch On
VCCH
10.6
11.7
13.2
V
VCC Lower Level at which the
IC Switch Off
VCCL
7
8
9
V
VCC Hysteresis
VCC_HYS
3
3.8
4.6
V
VCC OVP Level
VOVP
22.5
24
25.3
V
VCC
Re-Charge
Level
at
which the Protection Occurs
VCCR
4.5
5.3
6
V
Quiescent
Current
at
Protection Phase
IPro
VCC=6V; Vpro=4V
600
μA
Quiescent Current
IQ
VCC=13V
700
900
uA
Operation Current
ICC
VCC=13V; fS=100kHz
1.7
2
mA
Feedback Management (Pin FB)
Internal Pull-Up Resistor
RFB
10
kΩ
Internal Pull-Up Voltage
VUP
3.8
4.1
4.4
V
FB
to
Current-Set-Point
Division Ratio
Idiv
3.3
3.5
Internal Soft-Start Time
TSS
3
ms
FB
Decreasing
Level
at
which the Regulator Enters
Burst Mode
VBURL
0.4
0.5
0.6
V
FB Increasing Level at which
the Regulator Leaves Burst
Mode
VBURH
0.58
0.7
0.86
V
Over-Load Set Point
VOLP
3.6
3.8
4
V
Over-Load Delay Time
TDelay
fS=100kHz
82
ms
MP110 Rev. 1.01
www.MonolithicPower.com
4
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com