Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP44014GS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP44014GS
Description  Boundary Mode PFC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44014GS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP44014GS Datasheet HTML 1Page - Monolithic Power Systems MP44014GS Datasheet HTML 2Page - Monolithic Power Systems MP44014GS Datasheet HTML 3Page - Monolithic Power Systems MP44014GS Datasheet HTML 4Page - Monolithic Power Systems MP44014GS Datasheet HTML 5Page - Monolithic Power Systems MP44014GS Datasheet HTML 6Page - Monolithic Power Systems MP44014GS Datasheet HTML 7Page - Monolithic Power Systems MP44014GS Datasheet HTML 8Page - Monolithic Power Systems MP44014GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP44014 – BOUNDARY MODE PFC CONTROLLER
MP44014 Rev. 1.01
www.MonolithicPower.com
2
11/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP44014GS*
SOIC-8
See Below
* For Tape & Reel, add suffix –Z (e.g. MP44014GS–Z)
TOP MARKING
MP44014: Part number
LLLLLLLL: Lot number
MPS: MPS prefix
Y: Year code
WW: Week code
PACKAGE REFERENCE
1
2
3
45
6
7
8
FB
COMP
MULT
CS
ZCS
GND
GATE
VCC
ABSOLUTE MAXIMUM RATINGS
(1)
Supply voltage (VCC) .............. -0.5V to self limit
Analog inputs and outputs (2)..........-0.3V to 6.5V
ZCS max. current......................-2.5mA to 10mA
Continuous power dissipation
(TA = +25°C)
(3)
SOIC-8....................................................... 1.4W
Junction temperature………………… …..150
C
Lead temperature (solder) ........................260
C
Storage temperature................ -55
C to +150C
Recommended Operating Conditions
(4)
Supply voltage (VCC) ....................13.4V to 22V
Analog inputs and outputs .............-0.3V to 6.5V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
SOIC-8 ....................................90 ...... 45 ...
C/W
NOTES:
1) Exceeding these ratings may damage the device.
2) Except ZCS pin, which is self limited.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
D(MAX)=(TJ(MAX)-TA)/θJA.
Exceeding
the
maximum
allowable power dissipation will produce an excessive die
temperature, causing the regulator to go into thermal
shutdown. Internal thermal shutdown circuitry protects the
device from permanent damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com